Electronic Components Datasheet Search
  English  ▼

X  

FPC202 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # FPC202
Description  Dual Port Controller With Expanded I/Os
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPC202 Datasheet(HTML) 3 Page - Texas Instruments

  FPC202 Datasheet HTML 1Page - Texas Instruments FPC202 Datasheet HTML 2Page - Texas Instruments FPC202 Datasheet HTML 3Page - Texas Instruments FPC202 Datasheet HTML 4Page - Texas Instruments FPC202 Datasheet HTML 5Page - Texas Instruments FPC202 Datasheet HTML 6Page - Texas Instruments FPC202 Datasheet HTML 7Page - Texas Instruments FPC202 Datasheet HTML 8Page - Texas Instruments FPC202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FPC202
www.ti.com
SNLS565 – DECEMBER 2017
Product Folder Links: FPC202
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Description Continued
The FPC202 is designed to allow placement on the bottom side of the PCB, underneath the press fit connector,
to simplify routing. This localized control of the ports’ low-speed signals cuts system bill of materials (BOM) cost
by enabling the use of smaller I/O count control devices (FPGAs, CPLDs, MCUs) and by reducing routing layer
congestion.
The FPC202 is compatible with standard SFF-8431, SFF-8436, and SFF-8449 low-speed management
interfaces, including a dedicated 100/400-kHz I2C interface to each port. Additional general-purpose pins are
available to perform functions such as driving port status LEDs or controlling power switches. The LED drivers
have convenience features such as programmable blinking and dimming. The interface to the host controller can
operate on a separate supply voltage between 1.8 V and 3.3 V to support low-voltage I/Os.
For each port, the FPC202 has a total of four LED drivers, 12 general-purpose I/Os, and two downstream I2C
busses. This expanded set of I/Os allows for control of additional components and features within a system. The
general-purpose outputs can be used to drive additional LEDs if more than four are required per port.
The FPC202 can pre-fetch data from user-specified registers in each module, making the data readily accessible
to the host through a fast I2C (up to 1 MHz) or SPI (up to 10 MHz) interface. In addition, the FPC202 can trigger
an interrupt to the host whenever critical, user-configurable events occur associated with any of the ports under
its control. This eliminates the need to continuously poll the modules.
6 Device Comparison Table
PART NUMBER
PORTS
LED DRIVERS PER PORT
GPIOs PER PORT
ACCESSIBLE DOWNSTREAM
ADDRESSES
FPC202
2
4
12
All valid I2C addresses
FPC402
4
2
6
All valid I2C addresses
FPC401
4
2
6
MSA addresses: 0xA0, 0xA2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com