Electronic Components Datasheet Search
  English  ▼

X  

PE3C0063 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C0063
Description  N Female 4 Hole Flange to MMCX PlugRight Angle Cable Using LMR-100 Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C0063 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C0063 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C0063 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C0063 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Female 4 Hole Flange to MMCX Plug Right Angle Cable Using LMR-100 Coax
Configuration
Connector 1
N Female 4 Hole Flange
Connector 2
MMCX Plug Right Angle
Connector 2 Specification
BS EN 122340
Cable Type
LMR-100A
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Cable Assembly
Cable Type
LMR-100A
Temperature
Temperature Operating Range, deg C
-40 to +85
Temperature Storage Range, deg C
-70 to +85
Diameter, in [mm]
1 [25.4]
.
Weight, lbs [g]
0.123 [55.79]
Cable Color
Black
One Time Minimum Bend Radius, in [mm]
0.25 [6.35]
Repeated Minimum Bend Radius, in [mm]
1 [25.4]
Cable
No of Shields
2
Dielectric Type
PE
Jacket Material
PVC
Jacket Diameter, in [mm]
0.11 [2.79]
Connector 1
Type
N Female 4 Hole Flange
Configuration
Straight
Mount Method
4 Hole Flange
Connector 2
Type
MMCX Plug Right Angle
Configuration
Right Angle
Inner Conductor Material and Plating
Brass, Gold
Inner Conductor Plating Specification
30µ in. minimum
Body Material and Plating
Brass, Gold
Body Plating Specification
3µ in. minimum
Dielectric Type
Teflon
N Female 4 Hole Flange to MMCX Plug
Right Angle Cable Using LMR-100 Coax
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female 4 Hole Flange to MMCX Plug Right Angle Cable Using LMR-100 Coax PE3C0063
PE3C0063 REV
PE3C0063


Similar Part No. - PE3C0063

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0063-12 PASTERNACK-PE3C0063-12 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 12 Inch Length Using LMR-100 Coax
PE3C0063-24 PASTERNACK-PE3C0063-24 Datasheet
336Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 24 Inch Length Using LMR-100 Coax
PE3C0063-36 PASTERNACK-PE3C0063-36 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 36 Inch Length Using LMR-100 Coax
PE3C0063-48 PASTERNACK-PE3C0063-48 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 48 Inch Length Using LMR-100 Coax
PE3C0063-60 PASTERNACK-PE3C0063-60 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 60 Inch Length Using LMR-100 Coax
More results

Similar Description - PE3C0063

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C0063-12 PASTERNACK-PE3C0063-12 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 12 Inch Length Using LMR-100 Coax
PE3C0063-24 PASTERNACK-PE3C0063-24 Datasheet
336Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 24 Inch Length Using LMR-100 Coax
PE3C0063-36 PASTERNACK-PE3C0063-36 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 36 Inch Length Using LMR-100 Coax
PE3C0063-48 PASTERNACK-PE3C0063-48 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 48 Inch Length Using LMR-100 Coax
PE3C0063-60 PASTERNACK-PE3C0063-60 Datasheet
337Kb / 3P
N Female 4 Hole Flange to MMCX Plug Right AngleCable 60 Inch Length Using LMR-100 Coax
PE3C0064 PASTERNACK-PE3C0064 Datasheet
343Kb / 3P
SMA Female 4 Hole Flange to MMCX PlugRight Angle Cable Using LMR-100 Coax
PE3C0064-12 PASTERNACK-PE3C0064-12 Datasheet
348Kb / 3P
SMA Female 4 Hole Flange to MMCX Plug Right AngleCable 12 Inch Length Using LMR-100 Coax
PE3C0064-24 PASTERNACK-PE3C0064-24 Datasheet
336Kb / 3P
SMA Female 4 Hole Flange to MMCX Plug Right AngleCable 24 Inch Length Using LMR-100 Coax
PE3C0064-36 PASTERNACK-PE3C0064-36 Datasheet
336Kb / 3P
SMA Female 4 Hole Flange to MMCX Plug Right AngleCable 36 Inch Length Using LMR-100 Coax
PE3C0064-48 PASTERNACK-PE3C0064-48 Datasheet
336Kb / 3P
SMA Female 4 Hole Flange to MMCX Plug Right AngleCable 48 Inch Length Using LMR-100 Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com