Electronic Components Datasheet Search
  English  ▼

X  

ATL25 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATL25
Description  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATL25 Datasheet HTML 6Page - ATMEL Corporation ATL25 Datasheet HTML 7Page - ATMEL Corporation ATL25 Datasheet HTML 8Page - ATMEL Corporation ATL25 Datasheet HTML 9Page - ATMEL Corporation ATL25 Datasheet HTML 10Page - ATMEL Corporation ATL25 Datasheet HTML 11Page - ATMEL Corporation ATL25 Datasheet HTML 12Page - ATMEL Corporation ATL25 Datasheet HTML 13Page - ATMEL Corporation ATL25 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ATL25SeriesASIC
1414C–ASIC-08/02
Advanced
Packaging
The ATL25 Series ASICs are offered in a wide variety of standard packages, including plastic
and ceramic quad flatpacks, thin quad flatpacks, ceramic pin grid arrays and ball grid arrays.
High-volume onshore and offshore contractors provide assembly and test for commercial
product, with prototype capability in Colorado Springs. Custom package designs are also
available as required to meet a customer’s specific needs, and are supported through Atmel’s
package design center. If a standard package cannot meet a customer’s needs, a package
can be designed to precisely fit the customer-specific application and to maintain the perfor-
mance obtained in silicon. Atmel has delivered custom-designed packages in a wide variety of
configurations.
Note:
1. Require customer design substrate.
Table 7. Packaging Options–Partial List
Package Type
Pin Count
PQFP
44, 52, 64, 80, 100, 120, 128, 132, 144, 160, 184, 208, 240, 304
Power Quad
144, 160, 208, 240, 304
L/TQFP
32, 44, 48, 64, 80, 100, 120, 128, 144, 160, 176, 216
PLCC
20, 28, 32, 44, 52, 68, 84
CPGA
64, 68, 84, 100, 124, 144, 155, 180, 223, 224, 299, 391
CQFP
64, 68, 84, 100, 120, 132, 144, 160, 224, 340
PBGA
121, 169, 208, 217, 225, 240, 256, 272, 300, 304, 313, 316, 329, 352, 388, 420, 456
Super BGA
168, 204, 240, 256, 304, 352, 432, 560, 600
Low-profile Mini BGA
40, 48, 49, 56, 60, 64, 80, 81, 84, 96, 100, 108, 128, 132, 144, 160, 176, 192, 208, 224, 228
Chip-scale BGA
32, 36, 40, 48, 49, 56, 64, 81, 84, 100, 108, 121, 128, 144, 160, 169, 176, 192, 208, 224, 256, 288, 324
Flex-tape BGA
48, 49, 64, 80, 81, 84, 96, 100, 112, 132, 144, 156, 160, 180, 192, 196, 204, 208, 220, 225, 228, 256, 280
FCBGA
(1)
416, 480, 564, 672, 788, 896, 960, 1032, 1152, 1157, 1292, 1357, 1413, 1500, 1517, 1557, 1677, 1728,
1932



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com