Electronic Components Datasheet Search
  English  ▼

X  

AX88190AL Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AX88190AL
Description  PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AX88190AL Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AX88190AL Datasheet HTML 28Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 29Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 30Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 31Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 32Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 33Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 34Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 35Page - List of Unclassifed Manufacturers AX88190AL Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
32
6.4.6 I/O Write Timing
A[9:0]
ThA
TsuREG
ThREG
REG#
TsuCE
ThCE
CE#
Tw
IOWR#
TsuA
TdrIOIS16
IOIS16#
TdfIOIS16
TdrIOWR
WAIT#
TdfWT
Tw(WT)
Th
Tsu
D[15:0]
DATA
Symbol
Description
Min
Typ.
Max
Units
Tsu
DATA SETUP BEFORE IOWR#
60
-
-
ns
Th
DATA HOLD FOLLOWING IOWR#
30
-
-
ns
Tw
IOWR# WIDTH TIME
165
-
-
ns
TsuA
ADDRESS SETUP BEFORE IOWR#
70
-
-
ns
ThA
ADDRESS HOLD BEFORE IOWR#
20
-
-
ns
TsuCE
CE# SETUP BEFORE IOWR#
5
-
-
ns
ThCE
CE# HOLD BEFORE IOWR#
20
-
-
ns
TsuREG
REG# SETUP BEFORE IOWR#
5
-
-
ns
ThREG
REG# HOLD BEFORE IOWR#
0
-
-
ns
TdfIOIS16
IOIS16# DELAY FALLING FROM ADDRESS*
-
-
10
ns
TdrIOIS16
IOIS16# DELAY RISING FROM ADDRESS*
-
-
0
ns
TdfWT
WAIT# DELAY FALLING FROM IOWR#
-
-
**
ns
Tw(WT)
WAIT# WIDTH TIME
-
-
**
ns
TdrIOWR
IOWR# HIGH FROM WAIT# HIGH
0
-
-
us
*Note : The address includes REG# and CE1# signal
** Note : There is no wait state while I/O Write operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com