Electronic Components Datasheet Search
  English  ▼

X  

B34063AM Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # B34063AM
Description  1.5Amp DC-to-DC Converter Control Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B34063AM Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  B34063AM Datasheet HTML 1Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 2Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 3Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 4Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 5Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 6Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 7Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 8Page - List of Unclassifed Manufacturers B34063AM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
B34063A
Figure 12. Voltage Inverting Converter
Test
Conditions
Results
Line Regulation
VIN = 4.5 V to 6.0 V, IO = 100 mA
3 mV = + 0.12%
Load Regulation
VIN = 5.0 V, IO = 10 mA to 100 mA
0.022 mV = + 0.09%
Output Ripple
VIN = 5.0 V, IO = 100 mA
500 mVp-p
Short Circuit Current
VIN = 5.0 V, RL = 0.1 Ω
910mA
Efficiency
VIN = 5.0 V, IO = 100 mA
62.2%
Output Ripple With Optional Filter
VIN = 5.0 V, IO = 100 mA
70 mVp-p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com