Electronic Components Datasheet Search
  English  ▼

X  

B34063AP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B34063AP
Description  1.5Amp DC-to-DC Converter Control Circuit
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

B34063AP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B34063AP Datasheet HTML 1Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 2Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 3Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 4Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 5Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 6Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 7Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 8Page - List of Unclassifed Manufacturers B34063AP Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bay Linear, Inc 2418 Armstrong Street, Livermore, CA 94550 Tel: (925) 606-5950, Fax: (925) 940-9556
www.baylinear.com
1.5Amp DC-to-DC Converter Control Circuit
B34063A
Pin Connection
Ordering Information
SO-8
8-pin
P-DIP
8-pin
Operating
Temp. Range
B34063AM
B34063AP
0
°C to 70°C
B34063AIM
B34063AIP
-40
°C to 85°C
B34063AEM
B34063AEP
-40
°C to 125°C
All Marking will be B34063X. The Temperature will be specified
in out side Box. X=Package type
2
1
3
4
8
7
6
5
8-Pin Surface Mount
Top View
Switch
Collector
Timing
Capacitor
GND
Comparator
Inverting Input
I
PK Sense
V
CC
Driver
Collector
Switch
Emitter
2
1
3
4
8
7
6
5
8-Pin Surface Mount
Top View
Switch
Collector
Timing
Capacitor
GND
Comparator
Inverting Input
I
PK Sense
V
CC
Driver
Collector
Switch
Emitter
Description
The Bay Linear B34063A series is monolithic control circuit
containing the primary functions required for DC-to-DC
converters. These devices consist of an internal temperature
compensated reference, comparator, controlled, duty cycle
oscillator with an active current limit circuit, driver and high
current output switch.
This series was specially designed to be incorporated in Step-
Down and Step-Up and voltage-inverting applications with a
minimum number of external component.
The B34063A is offer in 8-pin DIP or Surface mount package.
Features
• Operation from 3.0V to 40V input
• Low Standby Current
• Current Limiting
• Output Switch Current to 1.5A
• Output voltage Adjustable
• Frequency Operation to 100 kHz
• Precision 2% Reference
• Step-Up-Step Down or inverting Switching
regulator
• Direct Replacement for MC34063
Applications
•
CD ROM
•
Mother Board
• SMPS Power Supply
Bay Linear
Inspire the Linear Power


Similar Part No. - B34063AP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B340 DIODES-B340 Datasheet
58Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Fuji Electric
B340 FUJI-B340 Datasheet
665Kb / 1P
3 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Weitron Technology
B340 WEITRON-B340 Datasheet
181Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B340 DIODES-B340 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
Galaxy Semi-Conductor H...
B340 BILIN-B340 Datasheet
92Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - B34063AP

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
DC-to-DC Converter Control Circuit
logo
List of Unclassifed Man...
GM34063 ETC1-GM34063 Datasheet
182Kb / 10P
1.5A DC-to-DC CONVERTER CONTROL CIRCUIT
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
Gamma Microelectronics ...
GM34063 GAMMA-GM34063 Datasheet
297Kb / 16P
1.5A DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
DC-to-DC Converter Control Circuit
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com