Electronic Components Datasheet Search
  English  ▼

X  

BC618 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC618
Description  NPN Darlington transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC618 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC618 Datasheet HTML 1Page - NXP Semiconductors BC618 Datasheet HTML 2Page - NXP Semiconductors BC618 Datasheet HTML 3Page - NXP Semiconductors BC618 Datasheet HTML 4Page - NXP Semiconductors BC618 Datasheet HTML 5Page - NXP Semiconductors BC618 Datasheet HTML 6Page - NXP Semiconductors BC618 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2004 Nov 05
4
Philips Semiconductors
Product specification
NPN Darlington transistor
BC618
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB = 60 V; IE =0 A
−−
50
nA
ICES
collector-emitter cut-off current
VBE = 0 V; VCE =60V
−−
50
µA
IEBO
emitter-base cut-off current
VEB = 10 V; IC =0 A
−−
50
nA
hFE
DC current gain
VCE = 5 V; see Fig.2
IC = 1 mA
2000
−−
IC = 10 mA
4000
−−
IC = 200 mA
10000
−
70000
VCEsat
collector-emitter saturation voltage IC = 200 mA; IB = 0.2 mA
−−
1.1
V
VBEsat
base-emitter saturation voltage
IC = 200 mA; IB = 0.2 mA
−−
1.6
V
Cc
collector capacitance
VCB = 30 V; IE =0 A
−
3.5
−
pF
fT
transition frequency
VCE =5V; IC = 500 mA; f = 100 MHz 155
−−
MHz
handbook, full pagewidth
0
60000
80000
20000
40000
MGD837
10−1
1
IC (mA)
hFE
10
102
103
Fig.2 DC current gain; typical values.
VCE =2V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com