Electronic Components Datasheet Search
  English  ▼

X  

NTCAFLEX05 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCAFLEX05
Description  NTC Thermistors, Flex Foil Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCAFLEX05 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCAFLEX05 Datasheet HTML 1Page - Vishay Siliconix NTCAFLEX05 Datasheet HTML 2Page - Vishay Siliconix NTCAFLEX05 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCAFLEX05 Series
www.vishay.com
Vishay BCcomponents
Revision: 21-Sep-17
2
Document Number: 29132
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
1. NTC on flex foil circuit, sensing area on the flat bottom side
2. Flex foil circuit
3. High quality modified epoxy glob top
4. Conductive tracks, gold plated
SAP CODIFICATION
Part Number: NTCAFLEX01473HH
MODEL
ASSEMBLY
FLEX
SENSOR
MECHANICAL
EXECUTION
RESISTANCE
VALUE
TOLERANCE
ON R25
B-VALUE
RANGE
OPTION
NTC
A
FLEX
05
103 =
10 x 103
473 =
47 x 103
124 =
12.2 x 104
H = ± 3 %
F = ± 1 %
L (low) =
3000
 B
25/85 < 3500
M (medium) =
3500
 B
25/85 < 3750
H (high) =
3750
 B
25/85 < 4000
X (very high) =
4000
 B
25/85 < 4250
Blank
DIMENSIONS in millimeters
L1
L15
L2
Ø D1
L4
L5
H1
P
P2
20 ± 1
25 ± 1
3 ± 0.5
6 ± 0.5
4 ± 1
3 ± 1
1.40 ± 0.2
2.50
1
RELIABILITY TEST (following IEC 60068 test methods)
TEST
PROCEDURE
REQUIREMENT
Dry heat, steady state
125 °C; 1000 h
R/R  3 %
Damp heat, steady state
56 days at 40 °C
90 % to 95 % RH
R/R  3 %
Rapid change of temperature
-40 °C to +125 °C; 100 cycles
R/R  3 %
N
T
C
A
F
L
E
X
0
5
4
7
3
H
H



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com