Electronic Components Datasheet Search
  English  ▼

X  

ATL25/256 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATL25/256
Description  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/256 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATL25/256 Datasheet HTML 1Page - ATMEL Corporation ATL25/256 Datasheet HTML 2Page - ATMEL Corporation ATL25/256 Datasheet HTML 3Page - ATMEL Corporation ATL25/256 Datasheet HTML 4Page - ATMEL Corporation ATL25/256 Datasheet HTML 5Page - ATMEL Corporation ATL25/256 Datasheet HTML 6Page - ATMEL Corporation ATL25/256 Datasheet HTML 7Page - ATMEL Corporation ATL25/256 Datasheet HTML 8Page - ATMEL Corporation ATL25/256 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ATL25SeriesASIC
1414C–ASIC-08/02
Design
Atmel supports several major software systems for design with complete cell libraries, as well
as utilities for netlist verification, test vector verification and accurate delay simulations
Table 2. Design Systems Supported
Atmel’s ASIC design flow is structured to allow the designer to consolidate the greatest num-
ber of system components onto the same silicon chip, using widely available third-party design
tools. Atmel’s cell library reflects silicon performance over extremes of temperature, voltage
and process, and includes the effects of metal loading, interlevel capacitance, and edge rise
and fall times. The design flow includes clock tree synthesis to customer-specified skew and
latency goals. RC extraction is performed on the final design database and incorporated into
the timing analysis.
The ASIC design flow, shown on page 4, provides a pictorial description of the typical interac-
tion between Atmel’s design staff and the customer. Atmel will deliver design kits to support
the customer’s synthesis, verification, floorplanning and scan insertion activities. Leading-
edge tools from vendors such as Synopsys and Cadence are fully supported in our design
flow. In the case of an embedded array design, Atmel will conduct a design review with the
customer to define the partition of the embedded array ASIC and to define the location of the
memory blocks and/or cores so an underlayer layout model can be created.
Following database acceptance, automated test pattern generation (ATPG) is performed, if
required, on scan paths using Synopsys tools; the design is routed; and post-route RC data is
extracted. After post-route verification and a final design review, the design is taped out for
fabrication.
System
Tools
Version
Cadence®
Design
Systems, Inc.
Opus
™ – Schematic and Layout
NC Verilog
™ – Verilog Simulator
Pearl
™ – Static Path
Verilog-XL
™ – Verilog Simulator
BuildGates
™ – Synthesis (Ambit)
4.46
3.3-s008
4.3-s095
3.3-s006
4.0-p003
Mentor
Graphics
®
ModelSim
® – Verilog and VHDL (VITAL) Simulator
Leonardo Spectrum
™ – Logic Synthesis
5.5e
2001.1d
Synopsys
®
Design Compiler
™ – Synthesis
DFT Compiler – 1-Pass Test Synthesis
BSD Compiler – Boundary Scan Synthesis
TetraMax
® – Automatic Test Pattern Generation
PrimeTime
™ –StaticPath
VCS
™ – Verilog Simulator
Floorplan Manager
™
01.01-SP1
01.08-SP1
01.08-SP1
01.08
01.08-SP1
5.2
01.08-SP1
Novas
Software, Inc.
®
Debussy
®
5.1
Silicon
Perspective
™
First Encounter
®
v2001.2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com