Electronic Components Datasheet Search
  English  ▼

X  

PE4474 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4474
Description  HN Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4474 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4474 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4474 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4474 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• HN Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• RG214, RG9, RG225, RG393 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 3 GHz
• Good VSWR of 1.35:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4474 HN male connector with crimp/solder attachment for RG214, RG9, RG225 and RG393 is part of our full
line of RF components available for same-day shipping. Our HN male connector operates up to a maximum frequency of 3
GHz and offers good VSWR of 1.35:1.
Our HN male connector PE4474 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
VSWR
1.35:1
Operating Voltage (AC)
1,500
Vrms
.
Mechanical Specifications
Size
Length
1.862 in [47.29 mm]
Width/Dia.
0.866 in [22.00 mm]
.
Weight
0.11 lbs [49.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male Connector Crimp/Solder Attachment for RG214, RG9, RG225, RG393 PE4474
PE4474 REV 1.3
HN Male Connector Crimp/Solder Attachment
for RG214, RG9, RG225, RG393
RF Connectors Technical Data Sheet
PE4474


Similar Part No. - PE4474

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44740 PASTERNACK-PE44740 Datasheet
256Kb / 3P
7/16 DIN Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
More results

Similar Description - PE4474

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4474 PASTERNACK-PE4474 Datasheet
263Kb / 2P
HN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE4477 PASTERNACK-PE4477 Datasheet
229Kb / 3P
HN Male Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4478 PASTERNACK-PE4478 Datasheet
107Kb / 1P
HN MALE CRIMP ATTACHMENT FOR RG58
PE4182 PASTERNACK-PE4182_17 Datasheet
408Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4198 PASTERNACK-PE4198_16 Datasheet
400Kb / 4P
HN Male Connector Clamp/Solder Attachment
PE4473 PASTERNACK-PE4473 Datasheet
108Kb / 1P
HN MALE CRIMP ATTACHMENT
PE4475 PASTERNACK-PE4475_16 Datasheet
401Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4476 PASTERNACK-PE4476_16 Datasheet
320Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4477 PASTERNACK-PE4477_16 Datasheet
319Kb / 3P
HN Male Connector Crimp/Solder Attachment
PE4479 PASTERNACK-PE4479_16 Datasheet
319Kb / 3P
HN Male Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com