Electronic Components Datasheet Search
  English  ▼

X  

PE4475 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4475
Description  HN Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4475 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4475 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4475 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4475 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• HN Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• RG14, RG217 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 4 GHz
• Gold Plated Brass Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4475 HN male connector with clamp/solder attachment for RG14 and RG217 is part of our full line of RF
components available for same-day shipping. Our HN male connector operates up to a maximum frequency of 4 GHz.
Our HN male connector PE4475 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
4
GHz
Operating Voltage (AC)
1,500
Vrms
Dielectric Withstanding Voltage (AC)
5,000
Vrms
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.91 in [48.51 mm]
Width/Dia.
0.866 in [22.00 mm]
.
Weight
0.167 lbs [75.75 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Male Connector Clamp/Solder Attachment for RG14, RG217 PE4475
PE4475 REV 1.2
HN Male Connector Clamp/Solder Attachment for RG14, RG217
RF Connectors Technical Data Sheet
PE4475


Similar Part No. - PE4475

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE44757 PASTERNACK-PE44757 Datasheet
373Kb / 3P
SMA Male Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
More results

Similar Description - PE4475

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4479 PASTERNACK-PE4479 Datasheet
272Kb / 3P
HN Male Connector Clamp/Solder Attachment For RG59, RG62
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE4476 PASTERNACK-PE4476 Datasheet
218Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG17, RG218
PE4182 PASTERNACK-PE4182_17 Datasheet
408Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4198 PASTERNACK-PE4198_16 Datasheet
400Kb / 4P
HN Male Connector Clamp/Solder Attachment
PE4229 PASTERNACK-PE4229_17 Datasheet
408Kb / 3P
HN Female Connector Clamp/Solder Attachment
PE4230 PASTERNACK-PE4230 Datasheet
410Kb / 4P
HN Male Right Angle Connector Clamp/Solder Attachment
PE4476 PASTERNACK-PE4476_16 Datasheet
320Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4479 PASTERNACK-PE4479_16 Datasheet
319Kb / 3P
HN Male Connector Clamp/Solder Attachment
PE4480 PASTERNACK-PE4480_16 Datasheet
320Kb / 3P
HN Male Right Angle Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com