Electronic Components Datasheet Search
  English  ▼

X  

PE4481 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4481
Description  HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4481 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4481 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4481 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4481 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal, .765 inch DD Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal,
.765 inch DD Hole PE4481
URL: https://www.pasternack.com/hn-female-standard-turret-terminal-connector-pe4481-p.aspx
PE4481 REV 1.1
RF Connectors Technical Data Sheet
PE4481
HN Female Bulkhead Mount Hermetically Sealed Connector
Solder Attachment Turret Terminal, .765 inch DD Hole



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com