Electronic Components Datasheet Search
  English  ▼

X  

PE4483 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE4483
Description  N Male Right Angle Connector Crimp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4483 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE4483 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4483 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4483 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4483 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.99 in [50.55 mm]
Width/Dia.
0.8 in [20.32 mm]
Height
1.29 in [32.77 mm]
.
Weight
0.135 lbs [61.23 g]
.
Mating Cycles
500 Cycles
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
30 µin minimum
Insulation
PTFE
Body
Brass
Nickel
100 µin minimum
Coupling Nut
Brass
Nickel
Crimp Sleeve
Brass
Nickel
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Vibration
MIL-STD-202, Method 204, Condition B
Temperature Cycle
MIL-STD-202, Method 107, Condition B
Salt Spray
MIL-STD-202, Method 101, Condition B
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE4483 REV 1.3
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: N Male Right Angle Connector Crimp/Solder Attachment for RG214, RG9, RG225,
RG393 PE4483
RF Connectors Technical Data Sheet
PE4483
N Male Right Angle Connector Crimp/Solder
Attachment for RG214, RG9, RG225, RG393



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com