Electronic Components Datasheet Search
  English  ▼

X  

PE4486 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4486
Description  N Female Right Angle Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4486 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4486 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4486 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4486 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348
• 50 Ohms
• Right Angle Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Max. Operating Frequency 12.4 GHz
• Silver Plated Beryllium Copper Contact
• Contact plating according to ASTM-B700
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4486 type N female right angle 4 hole flange mount connector with solder cup terminal (.718 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Our type N female connector operates up
to a maximum frequency of 12.4 GHz. Its right angle body geometry allows for easier connections in tight spaces. This type
N 4 hole flange connector allows designers to create external connections on their product enclosures, and can be used in a
variety of other rack mount and panel mount applications.
Our type N female right angle 4 hole flange connector PE4486 datasheet specifications and drawing with dimensions are
shown below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to
configure and customize their signal connections however they like. Whether the need is to provide an I/O for a board design,
or simply create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also
expertly build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
.
Mechanical Specifications
Size
Length
1.46 in [37.08 mm]
Width/Dia.
1 in [25.40 mm]
Height
1.405 in [35.69 mm]
.
Weight
0.126 lbs [57.15 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female Right Angle Connector Solder Attachment 4 Hole Flange Mount Solder Cup Termi-
nal, .718 inch Hole Spacing PE4486
PE4486 REV 1.1
N Female Right Angle Connector Solder Attachment 4 Hole
Flange Mount Solder Cup Terminal, .718 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4486


Similar Part No. - PE4486

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4486 PASTERNACK-PE4486 Datasheet
229Kb / 3P
N Female Right Angle Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
More results

Similar Description - PE4486

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4135 PASTERNACK-PE4135_16 Datasheet
362Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment
PE4123 PASTERNACK-PE4123_16 Datasheet
359Kb / 3P
SMA Female Right Angle Connector Solder Attachment 4 Hole
PE4220 PASTERNACK-PE4220 Datasheet
324Kb / 3P
SMA Female Radius Right Angle Connector Solder Attachment
PE4300 PASTERNACK-PE4300_16 Datasheet
318Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
PE4317 PASTERNACK-PE4317_16 Datasheet
321Kb / 3P
BNC Female Right Angle Connector Solder Attachment
PE4328 PASTERNACK-PE4328_16 Datasheet
352Kb / 3P
N Female Connector Solder Attachment
PE4471 PASTERNACK-PE4471_16 Datasheet
345Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
PE4485 PASTERNACK-PE4485 Datasheet
309Kb / 3P
N Male Right Angle Connector Crimp/Solder Attachment
PE4492 PASTERNACK-PE4492_17 Datasheet
795Kb / 3P
N Female Connector Solder Attachment
PE4545 PASTERNACK-PE4545_16 Datasheet
349Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com