Electronic Components Datasheet Search
  English  ▼

X  

ATL25/484 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATL25/484
Description  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/484 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATL25/484 Datasheet HTML 6Page - ATMEL Corporation ATL25/484 Datasheet HTML 7Page - ATMEL Corporation ATL25/484 Datasheet HTML 8Page - ATMEL Corporation ATL25/484 Datasheet HTML 9Page - ATMEL Corporation ATL25/484 Datasheet HTML 10Page - ATMEL Corporation ATL25/484 Datasheet HTML 11Page - ATMEL Corporation ATL25/484 Datasheet HTML 12Page - ATMEL Corporation ATL25/484 Datasheet HTML 13Page - ATMEL Corporation ATL25/484 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
ATL25SeriesASIC
1414C–ASIC-08/02
Note:
All I/Os 3.3V Tolerant/Compliant
Table 5. 3.3-volt DC Characteristics
Applicable over recommended operating temperature and voltage range unless otherwise noted.
Symbol
Parameter
Buffer
Test Condition
Min
Typ
Max
Units
T
A
Operating
Temperature
All
−55
125
°C
VDD
Supply Voltage
All Except 3.3V
Compliant I/O
2.3
2.5
2.7
V
VDD3
Supply Voltage
3.3V Compliant I/O
3.0
3.3
3.6
V
I
IH
High-level Input
Current
CMOS
V
IN =VDD,
V
DD =VDD (max)
10
µA
IIL
Low-level Input
Current
CMOS
V
IN =VSS,
VDD =VDD (max)
Pull-up = 620 K
Ω
−10
µA
I
OZ
High-impedance
State Output
Current
All
VIN =VDD or VSS
V
DD =VDD (max)
No pull-up
−10
10
µA
I
OS
Output Short-circuit
Current
2mA Buffer
V
OUT =VDD,
VDD =VDD (max)
10
mA
2mA Buffer
VOUT =VSS,
VDD =VDD (max)
−9
V
IH
High-level Input
Voltage
CMOS, LVTTL
2.0
V
PCI
0.475V
DD3
CMOS/TTL-level
Schmitt
2.0
1.7
VIL
Low-level Input
Voltage
CMOS
0.8
V
PCI
0.325VDD3
CMOS/TTL-level
Schmitt
1.1
0.8
V
HYS
Hysteresis
TTL-level Schmitt
0.6
V
V
OH
High-level Output
Voltage
PO11
IOH =2mA,
VDD3 =VDD (min)
0.8VDD3
V
PCI
IOH = 500 µA
0.9VDD3
VOL
Low-level Output
Voltage
PO11
IOL =2 mA,
V
DD3 =VDD (min)
0.2V
DD
V
PCI
I
OL = 1.5 mA
0.1V
DD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com