Electronic Components Datasheet Search
  English  ▼

X  

ATL25/540 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATL25/540
Description  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/540 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATL25/540 Datasheet HTML 6Page - ATMEL Corporation ATL25/540 Datasheet HTML 7Page - ATMEL Corporation ATL25/540 Datasheet HTML 8Page - ATMEL Corporation ATL25/540 Datasheet HTML 9Page - ATMEL Corporation ATL25/540 Datasheet HTML 10Page - ATMEL Corporation ATL25/540 Datasheet HTML 11Page - ATMEL Corporation ATL25/540 Datasheet HTML 12Page - ATMEL Corporation ATL25/540 Datasheet HTML 13Page - ATMEL Corporation ATL25/540 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
ATL25SeriesASIC
1414C–ASIC-08/02
Testability
Techniques
For complex designs involving blocks of memory and/or cores, careful attention must be given
to design-for-test techniques. The sheer size of complex designs requires the use of more effi-
cient testability techniques. Combinations of SCAN paths, multiplexed access to memory
and/or core blocks, and built-in self-test logic (in addition to functional test patterns) must be
employed to provide both the user and Atmel with the ability to test the finished product.
An example of a highly complex design could include a PLL for clock management or synthesis,
a microprocessor or DSP engine or both, SRAM to support the microprocessor or DSP engine,
and glue logic to support the interconnectivity of each of these blocks. The design of each of
these blocks must take into consideration the fact that the manufactured device will be tested on
a high-performance digital tester. Combinations of parametric, functional and structural tests,
defined for digital testers, should be employed to create a suite of manufacturing tests.
The type of block dictates the type of testability technique to be employed. The PLL will, by
construction, provide access to key nodes so that functional and/or parametric testing can be
performed. Since a digital tester must control all the clocks during the testing of an ASIC, pro-
visions must be made for the VCO to be bypassed. Atmel’s PLLs include a multiplexing
capability for just this purpose. The addition of a few pins will allow other portions of the PLL to
be isolated for test without impinging upon the normal functionality.
In a similar vein, access to microprocessor, DSP and SRAM blocks must be provided so that
controllability and observability of the inputs and outputs to the blocks are achieved with the
minimum amount of preconditioning. The ARM and MIPS microprocessors, AVR microcontrol-
ler and OakDSPCore/TeakDSPCore/PalmDSPCore digital signal processors all support
SCAN testing. SRAM blocks need to provide access to both address and data ports so that
comprehensive memory tests can be performed. Multiplexing I/O pins is a method for provid-
ing this accessibility.
The glue logic can be designed using full SCAN techniques to enhance its testability.
It should be noted that in almost all of these cases, the purpose of the testability technique is
to assure all embedded circuit blocks are functional. All of the techniques described above
should be considered supplemental to a set of patterns that exercise the functionality of the
design in its anticipated operating modes.
Table 6. I/O Buffer DC Characteristics
Symbol
Parameter
Test Condition
Typical
Units
C
IN
Capacitance, Input Buffer (die)
3.3V
2.4
pF
COUT
Capacitance, Output Buffer (die)
3.3V
5.6
pF
CI/O
Capacitance, Bidirectional
3.3V
6.6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com