Electronic Components Datasheet Search
  English  ▼

X  

PT410 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PT410
Description  TO-Can PIN Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PT410 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PT410 Datasheet HTML 1Page - Roithner LaserTechnik GmbH PT410 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
06.09.2017
PT410
1 of 2
PT410
TECHNICAL DATA
TO-Can PIN Photodiode
Flat Window
PT410 is an InGaAs pin structure based photodiode on InP by MOCVD method and planar diffusing
technology. The sensitive area is Ø 75µm respectively. TO-46 package with flat window.
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
-10
V
Optical Current
IOP
10
mA
Forward Current
IF
10
mA
Power Dissipation
PD
50
mW
Operating Temperature
Topr
-40 … +80
°C
Storage Temperature
Tstg
-40 … +80
°C
Soldering Temperature (max. 10 s)
Tsol
260
°C
Specifications (Ta=25°C)
Item
Value
Unit
Sensitive Area
Ø 75
µm
Spectral Response Range
900 .. 1650
nm
Responsivity
λ=1310 nm
≥0.8
A/W
λ=1550 nm
≥0.85
A/W
Linear Range (0 V)
-
-70 .. +10
dBm
Capacitance (-5 V)
≤1
pF
Dark Current (-5 V)
≤1
nA
Operating Voltage
0 .. -5
V
Linearity
±0.2
dB


Similar Part No. - PT410

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI1-PT4100-24V Datasheet
153Kb / 3P
1500 VDC Isolation
PT4100-24V TI1-PT4100-24V_14 Datasheet
153Kb / 3P
1500 VDC Isolation
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
48V 15 WATT ISOLATED DC-DC CONVERTER
PT4100-48V TI1-PT4100-48V Datasheet
180Kb / 4P
1500 VDC Isolation
More results

Similar Description - PT410

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
PIN Photodiode
logo
Roithner LaserTechnik G...
PT511-2 ROITHNER-PT511-2 Datasheet
96Kb / 1P
TO-Can PIN Photodiode
PT511B ROITHNER-PT511B Datasheet
148Kb / 2P
TO-Can PIN Photodiode
PT521 ROITHNER-PT521 Datasheet
133Kb / 2P
TO-Can PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com