Electronic Components Datasheet Search
  English  ▼

X  

MODEL36 Datasheet(PDF) 2 Page - TT Electronics.

Part # MODEL36
Description  OPEN TYPE TRIMMER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MODEL36 Datasheet(HTML) 2 Page - TT Electronics.

  MODEL36 Datasheet HTML 1Page - TT Electronics. MODEL36 Datasheet HTML 2Page - TT Electronics. MODEL36 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Open Type Trimmer
Model 36
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835-1053 |Ph: +1 714-447-2300
www.ttelectronics.com | sensors@ttelectronics.com
Issue C 04/2017
Page 2
Environmental
Ordering Information
Circuit Diagram
Standard Resistance Values, Ohms
Operating Temperature Range
-30°C to +100°C
Rotational Life, 50 Cycles
±10% DR
Load Life, 0.3W, 500 Hours, 70°C
±5% DR
Resistance to Solder Heat
260°C for 3 sec.
Aqueous cleaning not recommended



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com