Electronic Components Datasheet Search
  English  ▼

X  

MODEL67 Datasheet(PDF) 2 Page - TT Electronics.

Part # MODEL67
Description  Cermet Trimming Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

MODEL67 Datasheet(HTML) 2 Page - TT Electronics.

  MODEL67 Datasheet HTML 1Page - TT Electronics. MODEL67 Datasheet HTML 2Page - TT Electronics. MODEL67 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Cermet Trimming Potentiometer
Issue B
07/2012
Page 2
BI Technologies
4200 Bonita Place, Fullerton, CA 92835 |Ph: +1 714 447 2300
www.bitechnologies.com | www.ttelectronics.com
Packaging
Mechanical
Mechanical stops
Clutch action, both ends
Torque, starting
5 oz.-in. max. (0.035 N-m)
Weight
0.04 oz. nominal (1.1 grams)
Standard (no code): Boxes. Capacity = 100 units for 67W. 50 units for all other pin styles.
Option (TR code, available for 67W & 67X only): Tape & Reel. All units oriented with #1 pin to the right of the direction of feed.
Tape
Width =
18 mm
Sprocket =
Single hole, 0.050” spacing
Capacity =
1,000 units
Seat plane to centerline of sprocket hole =
0.71” (18 mm)
Reel
Diameter =
14” (363 mm)
Option (AP code, available for 67W &67X only): Ammo Pack. All units oriented with #1 pin to the right of the direction of feed.
Ammo
Tape fold =
12” (305 mm)
Box =
1.8” x 13” x 10” (46 mm x 330 mm x 254 mm)
Option (TB code): Tubes. All units oriented with #1 pin to same side. Tube capacity = 50 units.
Pin Style
P
W,Y
X,Z
Dimensions
Width =
0.57”
0.28”
0.28”
Height =
0.66”
0.93”
0.93”
Length =
20.9”
20.6”
24.4”
Ordering Information



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com