Electronic Components Datasheet Search
  English  ▼

X  

BAS40-06 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # BAS40-06
Description  SCHOTTKYarray SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

BAS40-06 Datasheet(HTML) 1 Page - Microsemi Corporation

  BAS40-06 Datasheet HTML 1Page - Microsemi Corporation BAS40-06 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC1380.PDF
ISO 9001 CERTIFIED
REV C 2/02/2000
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
DESCRIPTION
Various configurations of Schottky barrier's diodes in SOT-23 packages are
provided for general-purpose use in high-speed switching, mixers and
detector applications. They may also be used for signal terminations at the
board level.
This helps maintain signal integrity and counteract the
transmission-line effects with (PC) board traces by clamping over/and
undershoot from signal reflections with the schottky-low-threshold voltages.
This type of termination also does not depend on matching the transmission
line characteristic impedance, making it particularly useful where line
impedance is unknown or a variable.
This method of termination can
control distortions of clock, data, address, and control lines as well as
provides a stabilizing effect on signal jitter. It can also significantly reduce
power consumption compared to standard resistor- based termination methods.
FEATURES
•
Protects from line to VCC and line to ground
•
Clamps within one forward diode threshold voltage
•
Low forward voltage and reverse recovery
characteristics
•
Bidirectional-low-forward available with “-04” suffix (Figure 2)
•
SOT-23 Surface Mount packaging for small foot print
MAXIMUM RATINGS
•
Operating Temperatures: -55
0C to +1250C
•
Storage Temperature: -55
0C to +1500C
•
Power dissipation at Tamb = 25
0C is 200 mW
•
Forward Continuous Current at Tamb = 25
0C is 200 mA
•
Surge Forward Current At tp < 1 s, Tamb = 25
0C is 600 mA
ELECTRICAL CHARACTERISTICS PER DIODE @ 25
0C Unless otherwise specified
Repetitive
Peak Reverse
Voltage
VRRM
(VOLTS)
Reverse
Breakdown
Voltage
Tested with
10µA Pulse
V(BR)R
(VOLTS)
Leakage Current
Pulse test
tp < 300µs @
For BAS40
VR = 30 V
For BAS70
VR = 50 V
IR (nA)
Forward Voltage Pulse Test
tp < 300µs
at IF = 1 mA
at IF = 40 mA
VF (mV)
Reverse
Recovery
Time from
IF = 10 mA
through
IR=10mA to
IR=1mA
trr (ns)
Thermal
Resistance
Junction to
Ambient Air
RthJA (K/W)
Capacitance
At VR = 0V
F = 1 MHz
Ctot
pF
DEVICE
TYPE
DEVICE
MARKING
FIGURE
TYP
MIN
TYP
MAX
IF=1mA
IF=15mA IF=40mA
MAX
MAX
MAX
BAS40
43
1
40
40
20
100
380
1000
5
430
5
BAS40-04
44
2
40
40
20
100
380
1000
5
430
5
BAS40-05
45
3
40
40
20
100
380
1000
5
430
5
BAS40-06
46
4
40
40
20
100
380
1000
5
430
5
BAS70
73
1
70
70
20
100
410
1000
5
430
2
BAS70-04
74
2
70
70
20
100
410
1000
5
430
2
BAS70-05
75
3
70
70
20
100
410
1000
5
430
2
BAS70-06
76
4
70
70
20
100
410
1000
5
430
2
BAS40
and
BAS70
SCHOTTKYarray™ SERIES
PACKAGING
•
Tape & Reel EIA Standard 481
•
7 inch reel 3,000 pieces
•
13 inch reel 10,000 pieces
MECHANICAL
•
Molded SOT-23 Surface Mount
•
Weight: .008 grams (approximate)
•
Body Marked with device number


Similar Part No. - BAS40-06

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS40-06 PHILIPS-BAS40-06 Datasheet
58Kb / 8P
Schottky barrier double diodes
1999 Apr 28
logo
Siemens Semiconductor G...
BAS40-06 SIEMENS-BAS40-06 Datasheet
108Kb / 5P
Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Diodes Incorporated
BAS40-06 DIODES-BAS40-06 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
logo
General Semiconductor
BAS40-06 GE-BAS40-06 Datasheet
51Kb / 2P
Schottky Diodes
logo
Infineon Technologies A...
BAS40-06 INFINEON-BAS40-06 Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
More results

Similar Description - BAS40-06

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com