Electronic Components Datasheet Search
  English  ▼

X  

PE3295LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3295LF
Description  CABLE ASSEMBLY, RG174A/U, MCX PLUG TO MCX PLUG
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3295LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3295LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
021308
SIZE A
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
MCX PLUG
RG174A/U
MCX PLUG
PE3295LF-XX
CABLE ASSEMBLY, RG174A/U, MCX PLUG
TO MCX PLUG (LEAD FREE)
50 OHM
50 OHM
50 OHM
MCX PLUG
MCX PLUG


Similar Part No. - PE3295LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3295 PASTERNACK-PE3295 Datasheet
238Kb / 1P
CABLE ASSEMBLY RG174/U MCX PLUG TO MCX PLUG TO MCX PLUG
More results

Similar Description - PE3295LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3293LF PASTERNACK-PE3293LF Datasheet
228Kb / 1P
CABLE ASSEMBLY RG196A/U MCX PLUG TO MCX PLUG
PE3295 PASTERNACK-PE3295 Datasheet
238Kb / 1P
CABLE ASSEMBLY RG174/U MCX PLUG TO MCX PLUG TO MCX PLUG
PE3297 PASTERNACK-PE3297 Datasheet
136Kb / 1P
CABLE ASSEMBLY RG316/U MCX PLUG TO MCX PLUG
PE3304 PASTERNACK-PE3304 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG174A/U MCX PLUG RIGHT ANGLE TO MCX PLUG RIGHT ANGLE
PE3297LF PASTERNACK-PE3297LF Datasheet
157Kb / 1P
CABLE ASSEMBLY RG316/U MCX PLUG TO MCX PLUG TO MCX PLUG(LEAD FREE SOLDER)
PE3316 PASTERNACK-PE3316 Datasheet
244Kb / 1P
CABLE ASSEMBLY RG316/U MCX PLUG RUGHT ANGLE TO MCX PLUG
PE3293 PASTERNACK-PE3293 Datasheet
239Kb / 1P
CABLE ASSEMBLY, RG196A/U, MCX PLUG TO MCX PLUG
PE3304LF PASTERNACK-PE3304LF Datasheet
227Kb / 1P
CABLE ASSEMBLY, RG174A/U, MCX PLUG RIGHT ANGLE TO MCX PLUG RIGHT ANGLE
PE3314 PASTERNACK-PE3314 Datasheet
111Kb / 1P
CABLE ASSEMBLY, RG174A/U, MCX PLUG RIGHT ANGLE TO MCX PLUG RIGHT ANGLE
PE3314LF PASTERNACK-PE3314LF Datasheet
227Kb / 1P
CABLE ASSEMBLY, RG174A/U, MCX PLUG RIGHT ANGLE TO MCX PLUG RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com