Electronic Components Datasheet Search
  English  ▼

X  

TPT Datasheet(PDF) 3 Page - Toppower Electronic Technology Limited

Part # TPT
Description  3W 1.5KVDC Isolated Triple Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPT Datasheet(HTML) 3 Page - Toppower Electronic Technology Limited

  TPT_17 Datasheet HTML 1Page - Toppower Electronic Technology Limited TPT_17 Datasheet HTML 2Page - Toppower Electronic Technology Limited TPT_17 Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPT Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 3 of 3
All dimensions in mm ±0.25mm. All pins on a2.54mm pitch and within 0.25mm of true position.
Weight: 3.85g
MECHANICAL DIMENSIONS
PIN CONNECTIONS
8 PIN SIP
Pin
Function
1
+Vin
2
-Vin
5
+Vout
6
-Vout1
7
-Vout2
8
-Vout3
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
SOLDERING INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. Both types in this series are backward
compatible with Sn/Pb soldering systems.
14.20
6.00
5.00
5.20
1.50
0.60±0.15
UnIess otherwise stated aII dimensions in mm±0.5mm.
Tube Iength : 520mm±2mm.
Tube Quantity : 23PCS
Unless otherwise stated all dimensions in mm±0.5mm.
6 HOLES
1.00
1.15
2.54
21.80
TPT0572S
YYWW
2.10
2.54
12
56
7 8
7.50
11.10
0.55
0.45
4.60
4.10
0.45
0.55
0.30
0.20
1.17
bottom view
TOPPOWER
SIP Package
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com