Electronic Components Datasheet Search
  English  ▼

X  

TSM2N100CP Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSM2N100CP
Description  Advanced planar process
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM2N100CP Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM2N100CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM2N100CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM2N100CP
Taiwan Semiconductor
2
Version: A1606
ELECTRICAL SPECIFICATIONS (T
A = 25°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250µA
BVDSS
1000
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250µA
VGS(TH)
3.5
4.5
5.5
V
Gate Body Leakage
VGS = ±30V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 1000V, VGS = 0V
IDSS
--
--
1
µA
Drain-Source On-State Resistance
(Note 4)
VGS = 10V, ID = 0.9A
RDS(on)
--
6
8.5
Ω
Dynamic
(Note 5)
Total Gate Charge
VDS = 800V, ID = 1.85A,
VGS = 10V
Qg
--
17
--
nC
Gate-Source Charge
Qgs
--
5
--
Gate-Drain Charge
Qgd
--
9
--
Input Capacitance
VDS = 25V, VGS = 0V,
f = 1.0MHz
Ciss
--
625
--
pF
Output Capacitance
Coss
--
38
--
Reverse Transfer Capacitance
Crss
15
Gate Resistance
f = 1.0MHz, open drain
Rg
--
2.2
--
Ω
Switching
(Note 6)
Turn-On Delay Time
VDD = 500V, RG = 25Ω,
ID = 0.9A, VGS = 10V
td(on)
--
31
--
ns
Turn-On Rise Time
tr
--
14
--
Turn-Off Delay Time
td(off)
--
78
--
Turn-Off Fall Time
tf
--
44
--
Source-Drain Diode
Forward Voltage
(Note 4)
IS = 1.85A, VGS = 0V
VSD
--
--
1.4
V
Reverse Recovery Time
VR = 100V, IS = 1.85A
dIF/dt = 100A/μs
trr
--
359
--
ns
Reverse Recovery Charge
Qrr
--
1.34
--
μC
Notes:
1.
Current limited by package
2.
Pulse width limited by the maximum junction temperature
3.
L = 20mH, IAS = 1.4A, VDD = 50V, RG = 25Ω, Starting TJ = 25
oC
4.
Pulse test: PW
≤ 300µs, duty cycle ≤ 2%
5.
For DESIGN AID ONLY, not subject to production testing.
6.
Switching time is essentially independent of operating temperature.
ORDERING INFORMATION
PART NO.
PACKAGE
PACKING
TSM2N100CP ROG
TO-252 (DPAK)
2,500pcs / 13” Reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com