Electronic Components Datasheet Search
  English  ▼

X  

AT89LP2052 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT89LP2052
Description  8-bit Microcontroller with 2/4-Kbyte Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP2052 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT89LP2052 Datasheet HTML 3Page - ATMEL Corporation AT89LP2052 Datasheet HTML 4Page - ATMEL Corporation AT89LP2052 Datasheet HTML 5Page - ATMEL Corporation AT89LP2052 Datasheet HTML 6Page - ATMEL Corporation AT89LP2052 Datasheet HTML 7Page - ATMEL Corporation AT89LP2052 Datasheet HTML 8Page - ATMEL Corporation AT89LP2052 Datasheet HTML 9Page - ATMEL Corporation AT89LP2052 Datasheet HTML 10Page - ATMEL Corporation AT89LP2052 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 89 page
background image
7
3547A–MICRO–3/05
AT89LP2052/LP4052 [Preliminary]
7.
Comparison to Standard 8051
The AT89LP2052/LP4052 is part of a family of devices with enhanced features that are fully
binary compatible with the MCS-51 instruction set. In addition, most SFR addresses, bit assign-
ments, and pin alternate functions are identical to Atmel's existing standard 8051 products.
However, due to the high performance nature of the device, some system behaviors are differ-
ent from those of Atmel's standard 8051 products such as AT89S52 or AT89S2051. The
differences from the standard 8051 are outlined in the following paragraphs.
7.1
System Clock
The CPU clock frequency equals the external XTAL1 frequency. The oscillator is no longer
divided by 2 to provide the internal clock, and x2 mode is not supported.
7.2
Instruction Execution with Single-Cycle Fetch
The CPU fetches one code byte from memory every clock cycle instead of every six clock
cycles. This greatly increases the throughput of the CPU. As a consequence, the CPU no longer
executes instructions in 12 to 48 clock cycles. Each instruction executes in only 1 to 4 clock
cycles. See Section 21. “Instruction Set Summary” on page 49 for more details.
7.3
Interrupt Handling
The interrupt controller polls the interrupt flags during the last clock cycle of any instruction. In
order for an interrupt to be serviced at the end of an instruction, its flag needs to have been
latched as active during the next to last clock cycle of the instruction, or in the last clock cycle of
the previous instruction if the current instruction executes in only a single clock cycle.
7.4
Timer/Counters
The Timer/Counters increment at a rate of once per clock cycle. This compares to once every
12 clocks in the standard 8051.
7.5
Serial Port
The baud rate of the UART in Mode 0 is 1/2 the clock frequency, compared to 1/12 the clock fre-
quency in the standard 8051. In should also be noted that when using Timer 1 to generate the
baud rate in Mode 1 or Mode 3, the timer counts at the clock frequency and not at 1/12 the clock
frequency. To maintain the same baud rate in the AT89LP2052/LP4052 while running at the
same frequency as a standard 8051, the time-out period must be 12 times longer. Mode 1 of
Timer 1 supports 16-bit auto-reload to facilitate longer time-out periods for generating low baud
rates.
7.6
Watchdog Timer
The Watchdog Timer in AT89LP2052/LP4052 counts at a rate of once per clock cycle. This
compares to once every 12 clocks in the standard 8051.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com