Electronic Components Datasheet Search
  English  ▼

X  

IDL620 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IDL620
Description  Optocoupler, Phototransistor Output, AC Input (Dual, Quad Channel)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IDL620 Datasheet(HTML) 3 Page - Vishay Siliconix

  IDL620 Datasheet HTML 1Page - Vishay Siliconix IDL620 Datasheet HTML 2Page - Vishay Siliconix IDL620 Datasheet HTML 3Page - Vishay Siliconix IDL620 Datasheet HTML 4Page - Vishay Siliconix IDL620 Datasheet HTML 5Page - Vishay Siliconix IDL620 Datasheet HTML 6Page - Vishay Siliconix IDL620 Datasheet HTML 7Page - Vishay Siliconix IDL620 Datasheet HTML 8Page - Vishay Siliconix IDL620 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VISHAY
ILD620/ 620GB / ILQ620/ 620GB
Document Number 83653
Rev. 1.3, 26-Apr-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = ± 10 mA
VF
1.0
1.15
1.3
V
Forward current
VR = ± 0.7 V
IF
2.5
20
µA
Capacitance
VF = 0 V, f = 1.0 MHz
CO
25
pF
Thermal resistance, junction to
lead
RTHJL
750
K/W
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter capacitance
VCE = 5.0 V, f = 1.0 MHz
CCE
6.8
pF
Collector-emitter leakage
current
VCE = 24 V
ICEO
10
100
nA
TA = 85 °C, VCE = 24 V
ICEO
2.0
50
µA
Thermal resistance, junction to
lead
RTHJL
500
K/W
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Off-state collector current
VF = ± 0.7 V, VCE = 24 V
ICE(OFF)
1.0
10
µA
Collector-emitter saturation
voltage
IF = ± 8.0 mA, ICE = 2.4 mA
ILD620
VCEsat
0.4
V
ILQ620
VCEsat
0.4
V
IF = ± 1.0 mA, ICE = 0.2 mA
ILD620GB
VCEsat
0.4
V
ILQ620GB
VCEsat
0.4
V
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Channel/Channel CTR match
IF = ± 5.0 mA, VCE = 5.0 V
CTRX/CTRY
1 to 1
3 to 1
CTR symmetry
ICE(IF = - 5.0 mA)/
ICE(IF = + 5.0 mA)
ICE(RATIO)
0.5
2.0
Current Transfer Ratio
(collector-emitter saturated)
IF = ± 1.0 mA, VCE = 0.4 V
ILD620
CTRCEsat
60
%
ILQ620
CTRCEsat
60
%
Current Transfer Ratio
(collector-emitter)
IF = ± 5.0 mA, VCE = 5.0 V
ILD620
CTRCE
50
80
600
%
ILQ620
CTRCE
50
80
600
%
Current Transfer Ratio
(collector-emitter saturated)
IF = ± 1.0 mA, VCE = 0.4 V
ILD620GB
CTRCEsat
30
%
ILQ620GB
CTRCEsat
30
%
Current Transfer Ratio
(collector-emitter)
IF = ± 5.0 mA, VCE = 5.0 V
ILD620GB
CTRCE
100
200
600
%
ILQ620GB
CTRCE
100
200
600
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com