Electronic Components Datasheet Search
  English  ▼

X  

C15945 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C15945
Description  Strada Assembly
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C15945 Datasheet(HTML) 1 Page - Ledil, Inc.

  C15945 Datasheet HTML 1Page - Ledil, Inc. C15945 Datasheet HTML 2Page - Ledil, Inc. C15945 Datasheet HTML 3Page - Ledil, Inc. C15945 Datasheet HTML 4Page - Ledil, Inc. C15945 Datasheet HTML 5Page - Ledil, Inc. C15945 Datasheet HTML 6Page - Ledil, Inc. C15945 Datasheet HTML 7Page - Ledil, Inc. C15945 Datasheet HTML 8Page - Ledil, Inc. C15945 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PRODUCT DATASHEET
Strada series
last update 6/3/2017
DETAILS
Product Number
CA15946_STRADA-SQ-T2-B
Family
Strada
Type
Assembly
Color
clear
Diameter
25 x 25 mm
Height
10,35 mm
Style
rectang
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Compliant
Yes
Date Updated
6/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
PSL440
sim: AsymmetricStreetligh...
sim: 90 % sim: 0.870 -
PSL445
sim: AsymmetricStreetligh...
sim: 88 % sim: 0.500 -
XHP50
sim: AsymmetricStreetligh...
sim: 92 % sim: 0.730 -
LUXEON M/MX
Asymmetric degStreetligh...
92 %
0.700
-
Duris S8
sim: AsymmetricStreetligh...
sim: 91 % sim: 1.100 -
January 26th 2018 9:41 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - C15945

ManufacturerPart #DatasheetDescription
logo
Time Electronics Ltd.
C159 TIME-ELECTRONICS-C159 Datasheet
453Kb / 2P
5025 Multifunction Calibrator
v2d 27/5/11
C159 TIME-ELECTRONICS-C159 Datasheet
696Kb / 3P
5025E Multifunction Calibrator
05/20
logo
Coilcraft lnc.
C1590-AL COILCRAFT-C1590-AL Datasheet
190Kb / 1P
Flyback Transformers
C1591-AL COILCRAFT-C1591-AL Datasheet
190Kb / 1P
Flyback Transformers
logo
Ledil, Inc.
C15917 LEDIL-C15917 Datasheet
3Mb / 5P
Wide IESNA Type IV forward-throw beam for wide area lighting like car parks
More results

Similar Description - C15945

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS12862 LEDIL-CS12862 Datasheet
3Mb / 50P
Strada Assembly
CS15671 LEDIL-CS15671 Datasheet
1Mb / 23P
Strada Assembly
CA10916 LEDIL-CA10916 Datasheet
156Kb / 3P
Strada Assembly
CA11180 LEDIL-CA11180 Datasheet
294Kb / 5P
Strada Assembly
CA11348 LEDIL-CA11348 Datasheet
433Kb / 9P
Strada Assembly
CA12333 LEDIL-CA12333 Datasheet
663Kb / 11P
Strada Assembly
CA14032 LEDIL-CA14032 Datasheet
1Mb / 29P
Strada Assembly
CA16470 LEDIL-CA16470 Datasheet
132Kb / 2P
Strada Assembly
CS14145 LEDIL-CS14145 Datasheet
2Mb / 39P
Strada Assembly
CS15362 LEDIL-CS15362 Datasheet
2Mb / 41P
Strada Assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com