| Electronic Components Datasheet Search |
|
ATmega644RFR2 Datasheet(PDF) 9 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATmega644RFR2 Datasheet(HTML) 9 Page - ATMEL Corporation |
|
9 / 13 page ![]() 9 42073BS-MCU Wireless-09/14 ATmega2564/1284/644RFR2 4 Application Circuits 4.1 Basic Application Schematic A basic application schematic of the ATmega2564/1284/644RFR2 with a single-ended RF connector is shown in Figure 4-1 below and the associated Bill of Material in Table 4-1 on page 10. The 50Ω single-ended RF input is transformed to the 100Ω differential RF port impedance using Balun B1. The capacitors C1 and C2 provide AC coupling of the RF input to the RF port, capacitor C4 improves matching. Figure 4-1. Basic Application schematic (48-pin package) 6 5 4 3 2 1 13 14 15 16 17 18 19 20 40 41 42 43 44 45 46 47 AVSS RFP RFN AVSS TST 31 32 33 34 35 36 PE0 CB3 CB4 RSTN VDD XTAL CX1 CX2 CB1 VDD CB2 B1 RF C4 21 22 23 24 12 11 10 9 8 7 48 38 39 37 25 26 27 28 29 30 XTAL 32kHz CX3 CX4 CLKI PB0 PB7 PF7 PG1 Pins TST & CLKI must be connected PG3 PF3/4 C1 The power supply bypass capacitors (CB2, CB4) are connected to the external analog supply pin (EVDD, pin 44) and external digital supply pin (DEVDD, pin 16). The capacitor C1 provides the required AC coupling of RFN/RFP. Floating pins can cause excessive power dissipation (e.g. during power on). They should be connected to an appropriate source. GPIO shall not be connected to ground or power supply directly. The digital input pins TST and CLKI must be connected. If pin TST will never be used it can be connected to AVSS while an unused pin CLKI could be connected to DVSS (see chapter "Unused Pins" on page 7). Capacitors CB1 and CB3 are bypass capacitors for the integrated analog and digital voltage regulators to ensure stable operation and to improve noise immunity. Capacitors should be placed as close as possible to the pins and should have a low- resistance and low-inductance connection to ground to achieve the best performance. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |