Electronic Components Datasheet Search
  English  ▼

X  

ATR4289 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR4289
Description  Reference Oscillator up to 15 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4289 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR4289 Datasheet HTML 1Page - ATMEL Corporation ATR4289 Datasheet HTML 2Page - ATMEL Corporation ATR4289 Datasheet HTML 3Page - ATMEL Corporation ATR4289 Datasheet HTML 4Page - ATMEL Corporation ATR4289 Datasheet HTML 5Page - ATMEL Corporation ATR4289 Datasheet HTML 6Page - ATMEL Corporation ATR4289 Datasheet HTML 7Page - ATMEL Corporation ATR4289 Datasheet HTML 8Page - ATMEL Corporation ATR4289 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
4885A–AUDR–09/05
ATR4289
3.
Functional Description
The ATR4289 is controlled via the 2-wire bus. One module-address byte, two subaddress bytes
and five data bytes enable programming.
The module address contains a programmable address bit A 1, which (along with address select
input AS, pin 4), enables the operation of two ATR4289 devices in one system. If bit A 1 is iden-
tical with the status of the address select input AS, the chip is selected.
The subaddress determines which of the data bytes is transmitted first. If the subaddress of the
R divider is transmitted, the sequence of the next data bytes is DB 0 (Status), DB 1 and DB 2. If
the subaddress of the N divider is transmitted, the sequence of the next data bytes is DB 3 and
DB 4. The bit organization of the module address, subaddress and 5 data bytes is shown in
Table 7-1 on page 8.
Each transmission on the bus begins with the START condition and has to be ended by the
STOP condition (see Table 8-1 on page 8, “Transmission Protocol” ).
The integrated circuit ATR4289 has two separate inputs for the AM and FM oscillators. Pre-
amplified AM and FM signals are fed to the 16-bit R divider via the AM/FM switch. The AM/FM
switch is software controlled. Tuning steps can be selected by the 16-bit R divider.
Furthermore, the device provides a digital memory phase detector and two separate current
sources for the AM and FM amplifier (charge pump) as given in the Table “Electrical Character-
istics” on page 5. It allows independent gain adjustment, providing high current for high-speed
tuning and low current for stable tuning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com