Electronic Components Datasheet Search
  English  ▼

X  

CL88020 Datasheet(PDF) 18 Page - Microchip Technology

Part # CL88020
Description  120 VAC Offline LED Driver Evaluation Board
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CL88020 Datasheet(HTML) 18 Page - Microchip Technology

Back Button CL88020 Datasheet HTML 14Page - Microchip Technology CL88020 Datasheet HTML 15Page - Microchip Technology CL88020 Datasheet HTML 16Page - Microchip Technology CL88020 Datasheet HTML 17Page - Microchip Technology CL88020 Datasheet HTML 18Page - Microchip Technology CL88020 Datasheet HTML 19Page - Microchip Technology CL88020 Datasheet HTML 20Page - Microchip Technology CL88020 Datasheet HTML 21Page - Microchip Technology CL88020 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
CL88020 120 VAC Offline LED Driver Evaluation Board User’s Guide
DS50002611A-page 18
 2017 Microchip Technology Inc.
2.2
GETTING STARTED
The CL88020 120 VAC Offline LED Driver Evaluation Board is fully tested to evaluate
and demonstrate the CL88020 LED Driver.
Take into account the following recommendations before starting the setup process:
• Place the CL88020 LED Driver Evaluation Board and the LED Load assembly on
a non-conductive surface when connected to the AC line.
• Do not come into contact with any of the two demonstration unit boards while they
are connected to the AC line.
• Disconnect the demo units from the mains before performing any work on any of
them.
• Do not connect instruments having earth-referenced inputs, such as most
oscilloscopes.
• It is suggested that utility power for testing be provide from an AC source with a
floating output, and that differential voltage probes are used.
2.3
SETUP PROCEDURE
Powering the CL88020 120 VAC Offline LED Driver Evaluation Board is easy; the only
connections to be made are from ADM00766 LED driver to the LED Load ADM00767
assembled on a pin-fin heat sink, using the 8-wire flat cable provided, and from the LED
Driver Board to the AC line through a power cord.
Follow these steps:
1. Read the above recommendations and precautions.
2. Connect the CL88020 LED Driver Evaluation Board and the CL88020 LED Load
Board by means of the provided 8-wire flat cable, between J2-J3 connectors. It
is recommended to exercise caution, as the connectors on the flat cable are pro-
tected from being connected incorrectly.
3. Connect power cord on J1 on the LED Driver board, ADM00766. The Input con-
nector J1 is placed on the left side of the LED Driver board, which is marked with
the inscription: AC.
4. Plug the power cord into a 120 VAC outlet and apply 120 VAC ±15%, 60 Hz. While
it is possible for the values to be below this range, it is recommended not to
exceed 144 VAC. In this case the Transient Protection feature is automatically
activated. Line frequency is not critical (50 Hz or 60 Hz).
A variable AC power supply is needed for testing and evaluation in the laboratory. The
power supply requires an output capability of at least 20W and a voltage range from 0
to 150 VAC. This can be obtained also from an autotransformer supplied from the mains
or an electronic AC/AC power supply (for example, the Chroma ATE Inc. 61500 series).
Note:
Auto-transformers do not provide isolation from the utility mains.
WARNING
The CL88020 LED Driver Evaluation Board (ADM00766) and CL88020 LED Load Board
(ADM00767) do NOT provide electrical isolation between the AC line and the lamp cir-
cuitry. Dangerous voltages are present when connected to the AC line. Exercise
caution!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com