Electronic Components Datasheet Search
  English  ▼

X  

MCP1630 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1630
Description  SEPIC Automotive LED Driver Reference Design
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1630_11 Datasheet HTML 9Page - Microchip Technology MCP1630_11 Datasheet HTML 10Page - Microchip Technology MCP1630_11 Datasheet HTML 11Page - Microchip Technology MCP1630_11 Datasheet HTML 12Page - Microchip Technology MCP1630_11 Datasheet HTML 13Page - Microchip Technology MCP1630_11 Datasheet HTML 14Page - Microchip Technology MCP1630_11 Datasheet HTML 15Page - Microchip Technology MCP1630_11 Datasheet HTML 16Page - Microchip Technology MCP1630_11 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
MCP1630 SEPIC AUTOMOTIVE LED
DRIVER REFERENCE DESIGN
© 2011 Microchip Technology Inc.
DS51955A-page 13
Chapter 2. Installation and Operation
2.1
GETTING STARTED
The MCP1630 Sepic Automotive LED Driver Reference Design is fully assembled and
tested. The board requires the use of an external input voltage source (9V to 16V) and
an external LED load, provided by Microchip.
2.1.1
Additional Tools Required for Operation
1. A DC power supply, a bench supply that can produce 12V, 2.5A, is recommended
to operate the board at the full rated power.
2. An oscilloscope and/or a multi-meter to observe the waveforms and measure the
electrical parameters (optional).
2.2
SETUP PROCEDURE
To operate the MCP1630 Sepic Automotive LED Driver Reference Design, the
following steps must be completed:
1. Attach an LED load (or dummy load) to the Output Connector J3 (observe the
polarity).
2. Attach the push button to the J1 header (between Pins 3 and 4 is optional).
3. Connect a power supply to the Input Connector J2 (observe the polarity).
Detailed instructions are provided below for each step.
2.2.1
Demo Board Output Current Configuration
The board is configured to deliver a maximum of 350 mA to the LEDs’ load. UVLO and
OVLO thresholds are set to 8V and 17V, respectively. The maximum output voltage is
set to be approximately 55V.
2.2.2
Connecting the Load
A string of up to sixteen white LEDs (1W each) can be powered by this board. The
LED's string must be mounted on an appropriate heat sink to keep the maximum
junction temperature at safe level (consult the LED data sheet for details). The
maximum current delivered by the board to the LED's string is set to 350mA and the
maximum output voltage is 55V.
The LED's string can be replaced by a resistor of 150Ω and 20W dissipated power
(dummy load). In this case, the power delivered to the load will be about 18W.
Connect the LEDs’ string to the J3 connector. It is very important to use the correct
polarity (see Figure 2-1).
WARNING
Please observe the polarity for all steps to avoid board damage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com