Electronic Components Datasheet Search
  English  ▼

X  

LT5517EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LT5517EUF
Description  40MHz to 900MHz Quadrature Demodulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5517EUF Datasheet(HTML) 5 Page - Linear Technology

  LT5517EUF Datasheet HTML 1Page - Linear Technology LT5517EUF Datasheet HTML 2Page - Linear Technology LT5517EUF Datasheet HTML 3Page - Linear Technology LT5517EUF Datasheet HTML 4Page - Linear Technology LT5517EUF Datasheet HTML 5Page - Linear Technology LT5517EUF Datasheet HTML 6Page - Linear Technology LT5517EUF Datasheet HTML 7Page - Linear Technology LT5517EUF Datasheet HTML 8Page - Linear Technology LT5517EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LT5517
5
5517f
PI FU CTIO S
GNDRF (Pins 1, 4): Ground Pins for RF Termination.
These pins are not internally connected, and should be
connected to the PCB ground plane for best RF isolation.
RF+, RF– (Pins 2, 3): Differential RF Input Pins. These pins
are internally biased to 2.30V. These two pins should be
DC blocked when connected to ground or other matching
components. The inputs can be terminated in a single-
ended configuration, but differential input drive is pre-
ferred for best performance. An external matching network
is required for impedance transformation.
EN (Pin 5): Enable Pin. When the input voltage is higher
than 1.6V, the circuit is completely turned on. When the
input voltage is less than 1.3V, the circuit is turned off.
VCC (Pins 6, 7, 8, 12): Power Supply Pins. These pins
should be decoupled using 1000pF and 0.1
µF capacitors.
GND (Pins 9, 11): Ground Pins. These pins are internally
tied together and to the Exposed Pad. They should be
connected to the PCB ground plane.
2XLO (Pin 10): 2XLO Input Pin. This pin is internally
biased to 1V. The input signal’s frequency should be twice
that of the desired demodulator LO frequency. The pin
should be AC coupled with an external DC blocking
capacitor.
QOUT–, QOUT+ (Pins 13, 14): Differential Baseband Output
Pins of the Q-Channel. The internal DC bias voltage is
VCC – 0.78V for each pin.
IOUT–, IOUT+ (Pins 15, 16): Differential Baseband Output
Pins of the I-Channel. The internal DC bias voltage is
VCC – 0.78V for each pin.
Exposed Pad (Pin 17): Ground Return for the Entire IC.
This pin must be soldered to the printed circuit board
ground plane.
RF-LO Isolation
vs RF Input Power
Conv Gain
vs Baseband Frequency
RF, 2XLO Port Return Loss
vs Frequency
RF INPUT POWER (dBm)
–15
100
110
120
5
5517 G13
90
80
–10
–5
0
10
70
60
50
fRF = 800MHz
fRF = 400MHz
fRF = 40MHz
TA = 25°C
VCC = 5V
BASEBAND FREQUENCY (MHz)
–2
0
2
4
6
0.1
10
100
1000
5517 G14
–4
1
TA = 85°C
f2XLO = 1602MHz
VCC = 5V
TA = –40°C
TA = 25°C
FREQUENCY (GHz)
0
–10
–5
0
1.60
5517 G15
–15
RF
LO
–20
–25
0.40
0.80
1.20
2
TYPICAL PERFOR A CE CHARACTERISTICS
fRF = 800MHz, P2XLO = –10dBm, unless otherwise noted. (Test circuit shown in Figure 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com