Electronic Components Datasheet Search
  English  ▼

X  

TPC817 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TPC817
Description  200mW, 4 PIN DIP Phototransistor Photocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TPC817 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TPC817 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TPC817 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TPC817 SERIES
Taiwan Semiconductor
5
Version:C1612
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig. 5 Current Transfer Ratio vs.
Forward Current
Fig.6 Collector Current vs.
Collector-Emitter Voltage
Fig.7 Relative Current Transfer Ratio vs.
Ambient Temperature
Fig.8 Collector-emitter Saturation Voltage vs
Ambient Temperature
0
20
40
60
80
100
120
140
160
180
200
1
10
100
V
CE=5V
0
10
20
30
0
1
2
3
4
5
6
7
8
9
5mA
10mA
20mA
I
F=30mA
Pc(max)
0
50
100
150
-30
0
30
60
90
120
I
F=5mA
V
CE=5V
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
-30
0
30
60
90
120
I
F=20mA
I
C=1mA
Forward Current IF(mA)
Ambient Temperature Ta(°C)
Ambient Temperature Ta(°C)
Collector-Emitter Voltage VCE(V)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com