Electronic Components Datasheet Search
  English  ▼

X  

BYP35A05 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BYP35A05
Description  Standard Recovery Press-fit Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYP35A05 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BYP35A05 Datasheet HTML 1Page - Diotec Semiconductor BYP35A05 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYP35A05 ... BYP35A6 | BYP35K05 ... BYP35K6
BYP35A05 ... BYP35A6 | BYP35K05 ... BYP35K6
Standard Recovery Press-fit Rectifier Diodes
Einpress-Gleichrichterdioden mit Standard-Sperrverzug
IFAV = 35 A
VF
< 1.1 V
Tjmax = 200°C
VRRM = 100...600 V
IFSM = 360/400 A
trr
~ 1500 ns
Version 2018-01-04
Ø 12.75 x 4.2
Press-fit
Dimensions - Maße [mm]
Typical Applications
50/60 Hz Mains Rectification,
Power Supplies, Polarity Protection
Commercial grade 1)
Typische Anwendungen
50/60 Hz Netzgleichrichtung,
Stromversorgungen, Verpolschutz
Standardausführung 1)
Features
High junction temperature
Two polarity versions:
A = Anode to lead wire
K = Cathode to lead wire
For press-fit assembly into
aluminium cooling plate
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheiten
Hohe Sperrschichttemperatur
Zwei Polaritäten:
A = Anode am Anschlussdraht
K = Kathode am Anschlussdraht
Für Einpressmontage in
Alu-Kühlblech
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Packed in cardboard trays
300
Verpackt in Einlagekartons
Weight approx.
10 g
Gewicht ca.
Plastic material
UL 94V-0
Kunststoffmaterial
Solder & assembly conditions
260°C/10s
Löt- und Einbaubedingungen
MSL = N/A
Maximum ratings 2)
Grenzwerte 2)
Type /
Wire to /
Anode
Typ
Draht an
Cathode
Repetive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
BYP35A05
BYP35K05
50
50
BYP35A1
BYP35K1
100
100
BYP35A2
BYP35K2
200
200
BYP35A3
BYP35K3
300
300
BYP35A4
BYP35K4
400
400
BYP35A6
BYP35K6
600
600
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TC = 150°C 3)
IFAV
35 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
TC = 150°C 3)
IFRM
130 A
Peak forward surge current
Stoßstrom in Fluss-Richtung
Half sine-wave
Sinus-Halbwelle
50 Hz (10 ms)
60 Hz (8.3 ms)
IFSM
360 A
400 A
Rating for fusing
Grenzlastintegral
t < 10 ms
i2t
660 A2s
Operating junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+200°C
-50...+200°C
Maximum admissible press-in force
Maximal zulässige Einpresskraft
FpM
4 kN
1
Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
3
Temperature measured at the metallic base – Temperatur am Metallsockel gemessen
© Diotec Semiconductor AG
http://www.diotec.com/
1
Ø 12.75
Ø
±0.5
11
1.3
A
K
Pb
RoHS


Similar Part No. - BYP35A05

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
181Kb / 2P
Silicon Press-Fit-Diodes
logo
Semikron International
BYP35A05 SEMIKRON-BYP35A05 Datasheet
294Kb / 2P
Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
72Kb / 2P
Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP35A05 SEMIKRON-BYP35A05 Datasheet
298Kb / 2P
Silicon Press-Fit-Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35A05 SAMYANG-BYP35A05 Datasheet
412Kb / 2P
SILICON PRESS-FIT DIODES
More results

Similar Description - BYP35A05

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BY2000 SUNMATE-BY2000 Datasheet
551Kb / 2P
STANDARD RECOVERY RECTIFIER DIODES
logo
Diotec Semiconductor
BYP25A05 DIOTEC-BYP25A05_18 Datasheet
157Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
BYP60A05 DIOTEC-BYP60A05_17 Datasheet
155Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW25A1 DIOTEC-KYW25A1 Datasheet
149Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYW35A1 DIOTEC-KYW35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYZ25A1 DIOTEC-KYZ25A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
KYZ35A1 DIOTEC-KYZ35A1 Datasheet
150Kb / 2P
Standard Recovery Press-fit Rectifier Diodes
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com