Electronic Components Datasheet Search
  English  ▼

X  

CPM502 Datasheet(PDF) 1 Page - All Sensors Corporation

Part # CPM502
Description  Piezoresistive ceramic pressure sensor with flush membrane
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASC [All Sensors Corporation]
Direct Link  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

CPM502 Datasheet(HTML) 1 Page - All Sensors Corporation

  CPM502 Datasheet HTML 1Page - All Sensors Corporation CPM502 Datasheet HTML 2Page - All Sensors Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS-0347 Rev C
Tel:
408.225.4314
www.allsensors.com
Fax:
408.225.2079
info@allsensors.com
CPM 502
Piezoresistive ceramic pressure
sensor with flush membrane
Excellent chemical resistance
Easy mounting
Pressure ranges
7.5 to 750 psi gauge, absolute
1500 to 9000 psi sealed gauge
Standard Pressure Ranges
PSI
1)
bar
Proof pressure
Admissible negative
pressure
Burst pressure
Output signal
Sensor thickness
[PSI
1) / bar]
[PSI
1) / bar]
[PSI
1) / bar]
[mV/V]
[mm]
7.5
2)
0.5
2)
15
1
- 0.15
-2
30
2
1.4 to 2.4
6.15
15
1
30
2
- 0.20
-3
45
3
2.0 to 3.6
6.17
30
2
60
4
- 0.40
-6
90
6
2.0 to 3.5
6.23
75
5
150
10
- 0.80
-11.5
180
12
2.3 to 4.0
6.30
150
10
225
15
vacuum resistant
300
20
3.4 to 6.0
6.35
300
20
525
35
750
50
2.4 to 4.0
6.55
750
50
1500
100
1800
120
4.0 to 6.0
6.70
1500
3)
100
3)
2250
150
3000
200
3.0 to 4.8
6.70
3000
3)
200
3)
5250
350
7500
500
2.5 to 3.9
7.05
6000
3)
400
3)
7500
500
9750
650
3.1 to 4.8
7.32
9000
3)
600
3)
11250
750
14250
950
3.1 to 4.8
7.55
Reference Conditions
Supply voltage
2 to 30 VDC stabilized (Imax. = 4 mA)
Bridge resistance
11
kΩ ± 30 %
Reference temperature
25 °C
Measuring supply voltage
10 VDC
Performance Characteristics
Offset
- 0.4 to 0.0 mV/V (Other nominal values available on request)
Total error
(Nonlinearity, hysteresis, nonrepeatability)
Pressure ranges:
≤ ± 0,4 % FS (terminal based)
Long term stability
≤ ± 0.3 % FS / year (at reference conditions)
TC Offset (TC0)
≤ ± 0.02 % FS/°C
4)
TC Span (TCS)
≤ - 0.013 % FS/°C
4)
Environmental Specification
Operating temperature range
- 40 to 135 °C
Storage temperature range
- 50 to 150 °C
Compensated temperature range
0 to 85 °C
1) PSI values around rounded and for reference only
2) only gauge available
3) only sealed gauge available
4) over compensated temperature range


Similar Part No. - CPM502

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CPM5048S05 XPPOWER-CPM5048S05 Datasheet
171Kb / 4P
Component Power DC-DC Modules
CPM5048S12 XPPOWER-CPM5048S12 Datasheet
171Kb / 4P
Component Power DC-DC Modules
CPM50FS05 XPPOWER-CPM50FS05 Datasheet
171Kb / 4P
Component Power DC-DC Modules
CPM50FS12 XPPOWER-CPM50FS12 Datasheet
171Kb / 4P
Component Power DC-DC Modules
CPM50FS24 XPPOWER-CPM50FS24 Datasheet
171Kb / 4P
Component Power DC-DC Modules
More results

Similar Description - CPM502

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
KPY32-RK SIEMENS-KPY32-RK Datasheet
151Kb / 3P
Silicon Piezoresistive Relative Pressure Sensor
KPY52-A SIEMENS-KPY52-A Datasheet
117Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
KPY52-AK SIEMENS-KPY52-AK Datasheet
144Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
KPY62-RK SIEMENS-KPY62-RK Datasheet
62Kb / 3P
Silicon Piezoresistive Pressure Sensor
KPY66-A SIEMENS-KPY66-A Datasheet
128Kb / 4P
Silicon Piezoresistive Absolute Pressure Sensor
logo
All Sensors Corporation
DS-0340 ASC-DS-0340 Datasheet
838Kb / 2P
Piezoresistive Monolithic Ceramic Pressure Sensor
Rev B
DS-0343 ASC-DS-0343 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
Rev A
DS-0348 ASC-DS-0348 Datasheet
780Kb / 2P
Piezoresistive Monolithic Ceramic Pressure Sensor
Rev B
CPM602 ASC-CPM602 Datasheet
355Kb / 2P
Piezoresistive Monolithic Ceramic Pressure Sensor
SPM401 ASC-SPM401 Datasheet
798Kb / 3P
Piezoresistive Silicon Pressure Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com