Electronic Components Datasheet Search
  English  ▼

X  

TPW70R110C Datasheet(PDF) 1 Page - Wuxi Unigroup Microelectronics Company

Part # TPW70R110C
Description  700V Super-Junction Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WUMC [Wuxi Unigroup Microelectronics Company]
Direct Link  http://www.tsinghuaicwx.com/en/index.asp
Logo WUMC - Wuxi Unigroup Microelectronics Company

TPW70R110C Datasheet(HTML) 1 Page - Wuxi Unigroup Microelectronics Company

  TPW70R110C Datasheet HTML 1Page - Wuxi Unigroup Microelectronics Company TPW70R110C Datasheet HTML 2Page - Wuxi Unigroup Microelectronics Company TPW70R110C Datasheet HTML 3Page - Wuxi Unigroup Microelectronics Company TPW70R110C Datasheet HTML 4Page - Wuxi Unigroup Microelectronics Company TPW70R110C Datasheet HTML 5Page - Wuxi Unigroup Microelectronics Company TPW70R110C Datasheet HTML 6Page - Wuxi Unigroup Microelectronics Company TPW70R110C Datasheet HTML 7Page - Wuxi Unigroup Microelectronics Company TPW70R110C Datasheet HTML 8Page - Wuxi Unigroup Microelectronics Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TPV70R110C, TPW70R110C
V3.0
www.tsinghuaicwx.com
Wuxi Unigroup Microelectronics Company
FEATURES
 Very low FOM R
DS(on)×Qg
 100% avalanche tested
 RoHS compliant
APPLICATIONS
 Switch Mode Power Supply (SMPS)
 Uninterruptible Power Supply (UPS)
 Power Factor Correction (PFC)
Device Marking and Package Information
Device
Package
Marking
TPV70R110C
TO-3PN
70R110C
TPW70R110C
TO-247
70R110C
Absolute Maximum Ratings T
C = 25ºC, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage (V
GS = 0V)
V
DSS
700
V
Continuous Drain Current
I
D
47
A
Pulsed Drain Current
(note1)
I
DM
141
A
Gate-Source Voltage
V
GSS
±30
V
Single Pulse Avalanche Energy
(note2)
E
AS
1120
mJ
Avalanche Current
(note1)
I
AR
15
A
Repetitive Avalanche Energy
(note1)
E
AR
1.76
mJ
Power Dissipation (T
C = 25ºC)
P
D
390
W
Operating Junction and Storage Temperature Range
T
J, Tstg
-55~+150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Case
R
thJC
0.32
K/W
Thermal Resistance, Junction-to-Ambient
R
thJA
62
700V Super-Junction Power MOSFET
1


Similar Part No. - TPW70R110C

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TPW75A TOPSTEK-TPW75A Datasheet
158Kb / 2P
Topstek Current Transducers
More results

Similar Description - TPW70R110C

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HCD7NE70S SEMIHOW-HCD7NE70S Datasheet
198Kb / 7P
700V N-Channel Super Junction MOSFET
HCU70R600S SEMIHOW-HCU70R600S Datasheet
265Kb / 8P
700V N-Channel Super Junction MOSFET
logo
Shenzhen Winsemi Microe...
WFF12N70S WINSEMI-WFF12N70S Datasheet
388Kb / 6P
700V Super-Junction Power MOSFET
logo
Chip Integration Techno...
MJU02N70CT CITC-MJU02N70CT Datasheet
274Kb / 7P
700V Super Junction Power MOSFET
MJU05N70 CITC-MJU05N70 Datasheet
4Mb / 7P
700V Super Junction Power MOSFET
logo
Wuxi Unigroup Microelec...
TPA70R190C WUMC-TPA70R190C Datasheet
908Kb / 10P
700V Super-Junction Power MOSFET
TPA70R450C WUMC-TPA70R450C Datasheet
1Mb / 12P
700V Super-Junction Power MOSFET
TPU70R1K5C WUMC-TPU70R1K5C Datasheet
1Mb / 13P
700V Super-Junction Power MOSFET
TPU70R450C WUMC-TPU70R450C Datasheet
1Mb / 12P
700V Super-Junction Power MOSFET
TPU70R700C WUMC-TPU70R700C Datasheet
1Mb / 12P
700V Super-Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com