Electronic Components Datasheet Search
  English  ▼

X  

PE4510 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4510
Description  75 Ohm N Male Connector Crimp/Solder Attachment
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4510 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4510 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4510 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4510 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE4510 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• N Male Connector
• MIL-STD-348A
• 75 Ohms
• Straight Body Geometry
• RG11, RG144, RG216 Interface Type
• Crimp/Solder Attachment
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4510 75 ohm type N male connector with crimp/solder attachment for RG11, RG144 and RG216 is part of our
full line of RF components available for same-day shipping. Our type N male connector operates up to a maximum frequency
of 11 GHz.
Our 75 ohm type N male connector PE4510 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
Operating Voltage (AC)
1,500
Vrms
Inner Conductor DC Resistance
1
mOhms
Outer Conductor DC Resistance
0.2
mOhms
Insulation Resistance
5,000
MOhms
.
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 3
GHz
VSWR, Max
1.3:1
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male Connector Crimp/Solder Attachment for RG11, RG144, RG216 PE4510
PE4510 REV 1.1
75 Ohm N Male Connector Crimp/Solder
Attachment for RG11, RG144, RG216
RF Connectors Technical Data Sheet
PE4510


Similar Part No. - PE4510

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4510 PASTERNACK-PE4510 Datasheet
264Kb / 2P
75 Ohm N Male Connector Crimp-Solder Attachment For RG11, RG144, RG216
More results

Similar Description - PE4510

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4508 PASTERNACK-PE4508 Datasheet
222Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE4656 PASTERNACK-PE4656 Datasheet
228Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG179, RG187
PE4600 PASTERNACK-PE4600_16 Datasheet
359Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4604 PASTERNACK-PE4604_16 Datasheet
322Kb / 3P
75 Ohm BNC Male Connector Crimp/Solder Attachment
PE4504 PASTERNACK-PE4504_16 Datasheet
325Kb / 3P
75 Ohm N Male Connector Solder Attachment
PE4507 PASTERNACK-PE4507_16 Datasheet
362Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE4509 PASTERNACK-PE4509_16 Datasheet
398Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE4512 PASTERNACK-PE4512_16 Datasheet
355Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com