Electronic Components Datasheet Search
  English  ▼

X  

PE4511 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4511
Description  75 Ohm N Male Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4511 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4511 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4511 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4511 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Male Connector
• 75 Ohms
• Straight Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 1,000 MHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4511 75 ohm type N male connector with clamp/solder attachment for RG59, RG62 and RG71 is part of our
full line of RF components available for same-day shipping. Our type N male connector operates up to a maximum frequency
of 1,000 MHz and offers good VSWR of 1.3:1.
Our 75 ohm type N male connector PE4511 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
1,000
MHz
VSWR
1.3:1
Operating Voltage (AC)
1,000
Vrms
Dielectric Withstanding Voltage (AC)
2,500
Vrms
.
Mechanical Specifications
Size
Length
1.39 in [35.31 mm]
Width/Dia.
0.8 in [20.32 mm]
.
Weight
0.085 lbs [38.56 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male Connector Clamp/Solder Attachment for RG59, RG62, RG71 PE4511
PE4511 REV 1.1
75 Ohm N Male Connector Clamp/Solder
Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4511


Similar Part No. - PE4511

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE45114 PASTERNACK-PE45114 Datasheet
356Kb / 3P
BNC Male Connector Crimp/Solder Attachment for RG316-DS, RG188-DS Up to 4GHz
PE45116 PASTERNACK-PE45116 Datasheet
344Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 1694A
PE45117 PASTERNACK-PE45117 Datasheet
343Kb / 3P
75 Ohm BNC Male Connector Crimp/ Solder Attachment for Belden 150A
PE45119 PASTERNACK-PE45119 Datasheet
343Kb / 3P
SMB Male Push-On Connector Solder Attachment for RG405, PE-SR405FL, PE-SR405FLJ
More results

Similar Description - PE4511

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4507 PASTERNACK-PE4507 Datasheet
243Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG6
PE4597 PASTERNACK-PE4597_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4599 PASTERNACK-PE4599_16 Datasheet
331Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4603 PASTERNACK-PE4603_16 Datasheet
389Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4502 PASTERNACK-PE4502_16 Datasheet
330Kb / 3P
75 Ohm N Male Right Angle Connector Clamp/Solder Attachment
PE4507 PASTERNACK-PE4507_16 Datasheet
362Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE4509 PASTERNACK-PE4509_16 Datasheet
398Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE4514 PASTERNACK-PE4514_16 Datasheet
332Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE4515 PASTERNACK-PE4515_16 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com