Electronic Components Datasheet Search
  English  ▼

X  

PE4515 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4515
Description  75 Ohm N Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4515 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4515 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4515 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4515 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• N Female Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• RG11, RG144, RG216 Interface Type
• Clamp/Solder Attachment
Features
• Silver Plated Contact
• Contact plating according to QQ-S-365
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4515 75 ohm type N female connector with clamp/solder attachment for RG11, RG144 and RG216 (.480 inch
D hole) is part of our full line of RF components available for same-day shipping.
Our 75 ohm type N female connector PE4515 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.59 in [40.39 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Weight
0.11 lbs [49.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Silver
QQ-S-365
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Female Connector Clamp/Solder Attachment for RG11, RG144, RG216, .480 inch
D Hole PE4515
PE4515 REV 1.1
75 Ohm N Female Connector Clamp/Solder Attachment
for RG11, RG144, RG216, .480 inch D Hole
RF Connectors Technical Data Sheet
PE4515


Similar Part No. - PE4515

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4515 PASTERNACK-PE4515 Datasheet
206Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG11, RG144, RG216, .480 inch D Hole
PE45150 PASTERNACK-PE45150 Datasheet
351Kb / 3P
Standard BNC Female Connector Solder Attachment for PE-SR401FL, PE-SR401AL, RG401-U
PE45153 PASTERNACK-PE45153 Datasheet
356Kb / 3P
SSMB Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
PE45154 PASTERNACK-PE45154 Datasheet
413Kb / 3P
BNC Male Connector Crimp/Crimp Attachment for RG188-DS, RG316-DS
PE45155 PASTERNACK-PE45155 Datasheet
356Kb / 3P
SMC Plug Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results

Similar Description - PE4515

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4514 PASTERNACK-PE4514 Datasheet
231Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG6
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4611 PASTERNACK-PE4611_16 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
PE4612 PASTERNACK-PE4612_16 Datasheet
329Kb / 3P
75 Ohm BNC Female Connector Clamp/Solder Attachment
PE4503 PASTERNACK-PE4503_16 Datasheet
324Kb / 3P
75 Ohm N Female Connector Solder Attachment
PE4507 PASTERNACK-PE4507_16 Datasheet
362Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE4509 PASTERNACK-PE4509_16 Datasheet
398Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE4511 PASTERNACK-PE4511_16 Datasheet
319Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment
PE4514 PASTERNACK-PE4514_16 Datasheet
332Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
PE4516 PASTERNACK-PE4516_16 Datasheet
316Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com