Electronic Components Datasheet Search
  English  ▼

X  

PE4525 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4525
Description  SMA Male Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4525 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4525 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4525 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4525 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Thru Hole Interface Type
• Solder Attachment
• 5/16 inch Hex
Features
• Max. Operating Frequency 18 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4525 SMA male connector with solder attachment for thru hole PCB (.200 inch x .067 inch hole spacing) is
part of our full line of RF components available for same-day shipping. Our SMA male connector operates up to a maximum
frequency of 18 GHz and offers good VSWR of 1.3:1.
Our SMA male connector PE4525 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.65 in [16.51 mm]
Width/Dia.
0.315 in [8.00 mm]
.
Weight
0.012 lbs [5.44 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4525
PE4525 REV 1.1
SMA Male Connector Solder Attachment Thru Hole
PCB, .200 inch x .067 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4525


Similar Part No. - PE4525

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4525 PASTERNACK-PE4525 Datasheet
219Kb / 3P
SMA Male Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE45250 PASTERNACK-PE45250 Datasheet
375Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG178, RG196, With Male Center Contact
PE45251 PASTERNACK-PE45251 Datasheet
372Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316, RG174, With Male Center Contact
PE45252 PASTERNACK-PE45252 Datasheet
378Kb / 4P
MMBX Plug Snap-On Connector Crimp/Solder Attachment for RG316-DS, RG188-DS, with male center contact
PE45253 PASTERNACK-PE45253 Datasheet
390Kb / 4P
MMBX Plug Snap-On Connector Solder/Non-Solder Contact Attachment for RG405, PE-SR405FL, PE-SR405FLJ, with male center contact
More results

Similar Description - PE4525

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4005 PASTERNACK-PE4005_16 Datasheet
380Kb / 3P
SMA Male Connector Solder Attachment
PE4027 PASTERNACK-PE4027_16 Datasheet
359Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4036 PASTERNACK-PE4036_17 Datasheet
467Kb / 5P
SMA Male Connector Solder Attachment
PE4037 PASTERNACK-PE4037_16 Datasheet
342Kb / 3P
SMA Male Connector Solder Attachment
PE4112 PASTERNACK-PE4112_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
PE4215 PASTERNACK-PE4215_16 Datasheet
352Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4332 PASTERNACK-PE4332_16 Datasheet
365Kb / 3P
SMA Male Connector Clamp/Solder Attachment
PE4398 PASTERNACK-PE4398_16 Datasheet
398Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4401 PASTERNACK-PE4401_16 Datasheet
353Kb / 3P
SMA Male Connector Crimp/Solder Attachment
PE4402 PASTERNACK-PE4402_16 Datasheet
351Kb / 3P
SMA Male Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com