Electronic Components Datasheet Search
  English  ▼

X  

PE4526 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4526
Description  SMA Male Right Angle Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4526 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4526 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4526 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4526 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• 50 Ohms
• Right Angle Body Geometry
• Thru Hole Interface Type
• Solder Attachment
• 5/16 inch Hex
Features
• Gold Plated Brass Contact
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4526 SMA male right angle connector with solder attachment for thru hole PCB (.200 inch x .067 inch hole
spacing) is part of our full line of RF components available for same-day shipping. Its right angle body geometry allows for
easier connections in tight spaces.
Our SMA male right angle connector PE4526 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.645 in [16.38 mm]
Width/Dia.
0.312 in [7.92 mm]
Height
0.525 in [13.34 mm]
.
Weight
0.014 lbs [6.35 g]
.
Mating Torque
3 to 5 in-lbs [0.34 to 0.57 Nm]
Material Specifications
Description
Material
Plating
Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Gold
Coupling Nut
Brass
Gold
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch
Hole Spacing PE4526
PE4526 REV 1.1
SMA Male Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .067 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4526


Similar Part No. - PE4526

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4526 PASTERNACK-PE4526 Datasheet
212Kb / 3P
SMA Male Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE45261 PASTERNACK-PE45261 Datasheet
370Kb / 4P
MMBX Jack Push-On Connector Solder Attachment Edge Launch PCB, with female center contact
PE45262TR1 PASTERNACK-PE45262TR1 Datasheet
599Kb / 6P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact
PE45262TR750 PASTERNACK-PE45262TR750 Datasheet
546Kb / 5P
MMBX Jack Snap-On Connector Solder Attachment Surface Mount PCB, With Female Center Contact, 1 Reel Contains 750 pieces
PE45265TR1 PASTERNACK-PE45265TR1 Datasheet
366Kb / 3P
MMBX Jack Snap-On Connector Solder Attachment Through Hole PCB, With Female Center Contact and 0.382??Diameter Funnel
More results

Similar Description - PE4526

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4002 PASTERNACK-PE4002_16 Datasheet
381Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4025 PASTERNACK-PE4025_17 Datasheet
393Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4038 PASTERNACK-PE4038_16 Datasheet
373Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4083 PASTERNACK-PE4083_16 Datasheet
372Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4296 PASTERNACK-PE4296_16 Datasheet
377Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4405 PASTERNACK-PE4405_17 Datasheet
424Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4406 PASTERNACK-PE4406 Datasheet
115Kb / 1P
SMA MALE RIGHT ANGLE SOLDER ATTACHMENT
PE4408 PASTERNACK-PE4408_16 Datasheet
370Kb / 3P
SMA Male Right Angle Connector Crimp/Solder Attachment
PE4409 PASTERNACK-PE4409_16 Datasheet
368Kb / 3P
SMA Male Right Angle Connector Solder Attachment
PE4410 PASTERNACK-PE4410_16 Datasheet
318Kb / 3P
SMA Male Right Angle Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com