Electronic Components Datasheet Search
  English  ▼

X  

PE4528 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4528
Description  SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4528 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4528 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4528 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4528 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 18 GHz
• Gold Plated Contact
• Contact plating according to MIL-G-45204
• Hermetically Sealed
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4528 SMA female bulkhead hermetically sealed connector with solder attachment stub terminal (.235 inch
D hole) is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up
to a maximum frequency of 18 GHz. This SMA bulkhead connector allows designers to create external connections on their
product enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMA female bulkhead connector PE4528 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
.
Mechanical Specifications
Size
Length
0.62 in [15.75 mm]
Width/Dia.
0.437 in [11.10 mm]
.
Weight
0.013 lbs [5.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Termi-
nal, .235 inch D Hole PE4528
PE4528 REV 1.2
SMA Female Bulkhead Mount Hermetically Sealed Connector
Solder Attachment Stub Terminal, .235 inch D Hole
RF Connectors Technical Data Sheet
PE4528


Similar Part No. - PE4528

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4528 PASTERNACK-PE4528 Datasheet
215Kb / 2P
SMA Female Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .235 inch D Hole
PE45282 PASTERNACK-PE45282 Datasheet
681Kb / 3P
SMA Male Right Angle Connector Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45283 PASTERNACK-PE45283 Datasheet
358Kb / 3P
RP TNC Male Connector Crimp/Crimp Attachment for LMR-200, PE-C200
PE45284 PASTERNACK-PE45284 Datasheet
381Kb / 3P
QMA Male Right Angle Connector Crimp/Solder Attachment for RG174, RG316, RG188
PE45285 PASTERNACK-PE45285 Datasheet
369Kb / 4P
SMP Female Push-On Connector Solder Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Up To 8 GHz
More results

Similar Description - PE4528

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4049 PASTERNACK-PE4049_17 Datasheet
358Kb / 3P
BNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment Turret Terminal
PE4305 PASTERNACK-PE4305 Datasheet
317Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4469 PASTERNACK-PE4469_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4481 PASTERNACK-PE4481_16 Datasheet
345Kb / 3P
HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4495 PASTERNACK-PE4495_16 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4530 PASTERNACK-PE4530_17 Datasheet
680Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4531 PASTERNACK-PE4531_16 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4532 PASTERNACK-PE4532_16 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4540 PASTERNACK-PE4540_16 Datasheet
323Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com