Electronic Components Datasheet Search
  English  ▼

X  

PE4531 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4531
Description  SMA Male Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4531 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4531 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4531 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4531 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Stub Interface Type
• Solder Attachment
• Bulkhead
• 5/16 inch Hex
Features
• Gold Plated Contact
• Hermetically Sealed
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4531 SMA male bulkhead mount hermetically sealed connector solder attachment stub terminal, .250 inch
diameter is part of our full line of RF components available for same-day shipping. This SMA bulkhead connector allows
designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and
panel mount applications.
Our SMA male bulkhead connector PE4531 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.73 in [18.54 mm]
Width/Dia.
0.437 in [11.10 mm]
.
Weight
0.011 lbs [4.99 g]
.
Mating Torque
8 to 10 in-lbs [0.90 to 1.13 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Bulkhead Mount Hermetically Sealed Connector Solder Attachment Stub Terminal,
.250 inch Diameter PE4531
PE4531 REV 1.1
SMA Male Bulkhead Mount Hermetically Sealed Connector
Solder Attachment Stub Terminal, .250 inch Diameter
RF Connectors Technical Data Sheet
PE4531


Similar Part No. - PE4531

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4531 PASTERNACK-PE4531 Datasheet
220Kb / 3P
SMA Male Bulkhead Hermetically Sealed Connector Solder Attachment Stub Terminal, .250 inch Diameter
PE45310 PASTERNACK-PE45310 Datasheet
388Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, Gold Plated
PE45311 PASTERNACK-PE45311 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG405, PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN
PE45313 PASTERNACK-PE45313 Datasheet
387Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG402, PE-PESR402AL, PE-SR402FL, PE-SR402FLJ, Gold Plated
PE45314 PASTERNACK-PE45314 Datasheet
386Kb / 4P
BMA Plug Bulkhead Mount Slide-On Connector Solder Non-Solder Contact Attachment for RG402, PE-SR402AL PE-SR402FL, PE-SR402FLJ, PE-SR402TN
More results

Similar Description - PE4531

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4354 PASTERNACK-PE4354_16 Datasheet
348Kb / 3P
SMA Male Bulkhead Mount Connector Solder Attachment
PE4469 PASTERNACK-PE4469_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4481 PASTERNACK-PE4481_16 Datasheet
345Kb / 3P
HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4500 PASTERNACK-PE4500_16 Datasheet
319Kb / 3P
SHV Jack Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4528 PASTERNACK-PE4528_17 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4530 PASTERNACK-PE4530_17 Datasheet
680Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4532 PASTERNACK-PE4532_16 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4541 PASTERNACK-PE4541_16 Datasheet
351Kb / 3P
SMA Male Hermetically Sealed Connector Solder Attachment
PE4544 PASTERNACK-PE4544_16 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com