Electronic Components Datasheet Search
  English  ▼

X  

PE4534 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4534
Description  SMA Female Connector Solder/Solder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4534 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4534 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4534 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4534 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• 1/16 inch Stripline Interface Type
• Solder/Solder (Captive Contact) Attachment
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4534 SMA female connector with solder/solder (captive contact) attachment for 1/16 inch stripline PCB is part
of our full line of RF components available for same-day shipping.
Our SMA female connector PE4534 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.635 in [16.13 mm]
Width/Dia.
0.375 in [9.53 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/16 inch Stripline PCB
PE4534
PE4534 REV 1.1
SMA Female Connector Solder/Solder (Captive
Contact) Attachment 1/16 inch Stripline PCB
RF Connectors Technical Data Sheet
PE4534


Similar Part No. - PE4534

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4534 PASTERNACK-PE4534 Datasheet
296Kb / 3P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/16 inch Stripline PCB
PE45340 PASTERNACK-PE45340 Datasheet
362Kb / 4P
BMA Jack Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, With Cylindrical Contact
PE45341 PASTERNACK-PE45341 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, With Cylindrical Contact
PE45342 PASTERNACK-PE45342 Datasheet
366Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 22GHz
PE45343 PASTERNACK-PE45343 Datasheet
365Kb / 4P
BMA Plug Slide-On Connector Solder Attachment 2 Hole Flange Mount Stub Terminal, .481 inch Hole Spacing, Rated to 18GHz
More results

Similar Description - PE4534

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4041 PASTERNACK-PE4041_16 Datasheet
344Kb / 3P
SMA Female Connector Solder Attachment
PE4115 PASTERNACK-PE4115_16 Datasheet
373Kb / 3P
SMA Female Connector Solder Attachment
PE4116 PASTERNACK-PE4116_16 Datasheet
368Kb / 3P
SMA Female Connector Solder Attachment
PE4418 PASTERNACK-PE4418_16 Datasheet
377Kb / 3P
SMA Female Connector Solder Attachment
PE4527 PASTERNACK-PE4527_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment
PE4533 PASTERNACK-PE4533_16 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE4537 PASTERNACK-PE4537_16 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE4539 PASTERNACK-PE4539_13 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment
PE4542 PASTERNACK-PE4542_16 Datasheet
376Kb / 3P
SMA Female Connector Solder Attachment
PE4543 PASTERNACK-PE4543_16 Datasheet
378Kb / 3P
SMA Female Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com