Electronic Components Datasheet Search
  English  ▼

X  

PE4535 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4535
Description  SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4535 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4535 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4535 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4535 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
1/4 inch Stripline
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.635 [16.13]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 1/4 inch Stripline PCB PE4535
PE4535
PE4535 REV 01
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB


Similar Part No. - PE4535

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4535 PASTERNACK-PE4535 Datasheet
300Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE45350 PASTERNACK-PE45350 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, Gold Plated
PE45351 PASTERNACK-PE45351 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount
PE45352 PASTERNACK-PE45352 Datasheet
428Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact
PE45353 PASTERNACK-PE45353 Datasheet
386Kb / 3P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Auxiliary Contact
More results

Similar Description - PE4535

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4190 PASTERNACK-PE4190 Datasheet
244Kb / 2P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/8 inch Stripline PCB
PE44205 PASTERNACK-PE44205 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE4535 PASTERNACK-PE4535 Datasheet
300Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE4534 PASTERNACK-PE4534 Datasheet
296Kb / 3P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/16 inch Stripline PCB
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE4190 PASTERNACK-PE4190_16 Datasheet
322Kb / 3P
SMA Female Connector Solder/Solder Attachment 1/8 inch Stripline PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com