Electronic Components Datasheet Search
  English  ▼

X  

PE4536 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4536
Description  SMA Female Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4536 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4536 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4536 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4536 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Gold Plated Contact
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4536 SMA female bulkhead mount connector solder attachment solder cup terminal, .350 inch D hole is
part of our full line of RF components available for same-day shipping. This SMA bulkhead connector allows designers to
create external connections on their product enclosures, and can be used in a variety of other rack mount and panel mount
applications.
Our SMA female bulkhead connector PE4536 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.845 in [21.46 mm]
Width/Dia.
0.435 in [11.05 mm]
.
Weight
0.013 lbs [5.9 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
MIL-G-45204
Insulation
PTFE
Body
Passivated Stainless Steel
QQ-P-35
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D
Hole PE4536
PE4536 REV 1.2
SMA Female Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .350 inch D Hole
RF Connectors Technical Data Sheet
PE4536


Similar Part No. - PE4536

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4536 PASTERNACK-PE4536 Datasheet
223Kb / 3P
SMA Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
logo
Peregrine Semiconductor
PE45361 PSEMI-PE45361 Datasheet
359Kb / 14P
Power Limiter, 10 MHz?? GHz
logo
Pasternack Enterprises,...
PE45365 PASTERNACK-PE45365 Datasheet
365Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45366 PASTERNACK-PE45366 Datasheet
364Kb / 5P
SSMC Plug Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45367 PASTERNACK-PE45367 Datasheet
385Kb / 5P
SSMC Plug Connector Crimp/Solder Attachment for RG178, RG196
More results

Similar Description - PE4536

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4119 PASTERNACK-PE4119_17 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4419 PASTERNACK-PE4419_16 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4422 PASTERNACK-PE4422_16 Datasheet
322Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4427 PASTERNACK-PE4427_17 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4529 PASTERNACK-PE4529_16 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com