Electronic Components Datasheet Search
  English  ▼

X  

PE4537 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4537
Description  SMA Female Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4537 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4537 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4537 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4537 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• 4 Hole Flange
.
Mechanical Specifications
Size
Length
0.58 in [14.73 mm]
Width/Dia.
0.375 in [9.53 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.006 lbs [2.72 g]
.
Material Specifications
Description
Material
Plating
Insulation
PTFE
Body
Stainless Steel
Gold
.
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2014
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal,
.340 inch Hole Spacing PE4537
PE4537 REV 1.0
SMA Female Connector Solder Attachment 4 Hole Flange
Mount Solder Cup Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4537


Similar Part No. - PE4537

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4537 PASTERNACK-PE4537 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .375 inch x .500 inch Hole Spacing
PE45370 PASTERNACK-PE45370 Datasheet
386Kb / 5P
SSMC Jack Bulkhead Mount Connector Clamp Solder Attachment for PE-SR405AL, PE-SR405FL, PE-SR405FLJ, PE-SR405TN, RG405
PE45371 PASTERNACK-PE45371 Datasheet
385Kb / 5P
SSMC Jack Connector Clamp/Solder Attachment for PE-047SR, PE-SR047AL, PE-SR047FL
PE45372 PASTERNACK-PE45372 Datasheet
407Kb / 5P
SSMC Jack Bulkhead Mount Connector Crimp Solder Attachment for RG-178, RG-196
PE45373 PASTERNACK-PE45373 Datasheet
405Kb / 5P
SSMC Jack Connector Crimp/Solder Attachment for RG316, RG188
More results

Similar Description - PE4537

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4041 PASTERNACK-PE4041_16 Datasheet
344Kb / 3P
SMA Female Connector Solder Attachment
PE4115 PASTERNACK-PE4115_16 Datasheet
373Kb / 3P
SMA Female Connector Solder Attachment
PE4116 PASTERNACK-PE4116_16 Datasheet
368Kb / 3P
SMA Female Connector Solder Attachment
PE4418 PASTERNACK-PE4418_16 Datasheet
377Kb / 3P
SMA Female Connector Solder Attachment
PE4527 PASTERNACK-PE4527_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment
PE4533 PASTERNACK-PE4533_16 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE4539 PASTERNACK-PE4539_13 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment
PE4542 PASTERNACK-PE4542_16 Datasheet
376Kb / 3P
SMA Female Connector Solder Attachment
PE4543 PASTERNACK-PE4543_16 Datasheet
378Kb / 3P
SMA Female Connector Solder Attachment
PE4546 PASTERNACK-PE4546_16 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com