Electronic Components Datasheet Search
  English  ▼

X  

PE4540 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4540
Description  SMA Female Hermetically Sealed Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4540 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4540 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4540 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4540 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• Pin Interface Type
• Solder Attachment
• 4 Hole Flange
Features
• Gold Plated Contact
• Hermetically Sealed
• Contact plating according to MIL-G-45204
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4540 SMA female hermetically sealed connector solder attachment 4 hole flange mount pin terminal, .340
inch hole spacing is part of our full line of RF components available for same-day shipping. This SMA 4 hole flange connector
allows designers to create external connections on their product enclosures, and can be used in a variety of other rack mount
and panel mount applications.
Our SMA female 4 hole flange connector PE4540 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.49 in [12.45 mm]
Width/Dia.
0.5 in [12.70 mm]
Height
0.5 in [12.7 mm]
.
Weight
0.008 lbs [3.63 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Mount Pin
Terminal, .340 inch Hole Spacing PE4540
PE4540 REV 1.1
SMA Female Hermetically Sealed Connector Solder Attachment
4 Hole Flange Mount Pin Terminal, .340 inch Hole Spacing
RF Connectors Technical Data Sheet
PE4540


Similar Part No. - PE4540

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4540 PASTERNACK-PE4540 Datasheet
215Kb / 3P
SMA Female Hermetically Sealed Connector Solder Attachment 4 Hole Flange Pin Terminal, .340 inch Hole Spacing
PE45400 PASTERNACK-PE45400 Datasheet
785Kb / 6P
2.92mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45401 PASTERNACK-PE45401 Datasheet
787Kb / 6P
2.4mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45402 PASTERNACK-PE45402 Datasheet
776Kb / 6P
1.85mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
PE45403 PASTERNACK-PE45403 Datasheet
827Kb / 6P
1.0mm Female Connector Clamp/Solder (Captive Contact) Attachment End Launch PCB, Removable End Launch, 0.35 Width
More results

Similar Description - PE4540

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4311 PASTERNACK-PE4311_16 Datasheet
319Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4469 PASTERNACK-PE4469_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4481 PASTERNACK-PE4481_16 Datasheet
345Kb / 3P
HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4487 PASTERNACK-PE4487_16 Datasheet
317Kb / 3P
N Female Hermetically Sealed Connector Solder Attachment
PE4495 PASTERNACK-PE4495_16 Datasheet
317Kb / 3P
MHV Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4528 PASTERNACK-PE4528_17 Datasheet
803Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4530 PASTERNACK-PE4530_17 Datasheet
680Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4531 PASTERNACK-PE4531_16 Datasheet
316Kb / 3P
SMA Male Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4532 PASTERNACK-PE4532_16 Datasheet
344Kb / 3P
SMA Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE4541 PASTERNACK-PE4541_16 Datasheet
351Kb / 3P
SMA Male Hermetically Sealed Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com