Electronic Components Datasheet Search
  English  ▼

X  

PE4543 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4543
Description  SMA Female Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4543 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4543 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4543 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4543 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• 50 Ohms
• Straight Body Geometry
• .062 inch End Launch Interface Type
• Solder Attachment
Features
• Gold Plated Contact
Applications
• General Purpose Test
• PCB Applications
.
Description
Pasternack’s PE4543 SMA female connector with solder attachment for .062 inch end launch PCB is part of our full line of RF
components available for same-day shipping.
Our SMA female connector PE4543 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
0.562 in [14.27 mm]
Width/Dia.
0.375 in [9.53 mm]
Height
0.312 in [7.92 mm]
.
Weight
0.005 lbs [2.27 g]
.
Material Specifications
Description
Material
Plating
Contact
Gold
Insulation
PTFE
Body
Brass
Gold
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment .062 inch End Launch PCB, .020 inch x .010 inch
Contact PE4543
PE4543 REV 1.1
SMA Female Connector Solder Attachment .062 inch
End Launch PCB, .020 inch x .010 inch Contact
RF Connectors Technical Data Sheet
PE4543


Similar Part No. - PE4543

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4543 PASTERNACK-PE4543 Datasheet
267Kb / 2P
SMA Female Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
More results

Similar Description - PE4543

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4041 PASTERNACK-PE4041_16 Datasheet
344Kb / 3P
SMA Female Connector Solder Attachment
PE4115 PASTERNACK-PE4115_16 Datasheet
373Kb / 3P
SMA Female Connector Solder Attachment
PE4116 PASTERNACK-PE4116_16 Datasheet
368Kb / 3P
SMA Female Connector Solder Attachment
PE4418 PASTERNACK-PE4418_16 Datasheet
377Kb / 3P
SMA Female Connector Solder Attachment
PE4527 PASTERNACK-PE4527_16 Datasheet
320Kb / 3P
SMA Female Connector Solder Attachment
PE4533 PASTERNACK-PE4533_16 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
PE4537 PASTERNACK-PE4537_16 Datasheet
309Kb / 3P
SMA Female Connector Solder Attachment
PE4539 PASTERNACK-PE4539_13 Datasheet
211Kb / 3P
SMA Female Connector Solder Attachment
PE4542 PASTERNACK-PE4542_16 Datasheet
376Kb / 3P
SMA Female Connector Solder Attachment
PE4546 PASTERNACK-PE4546_16 Datasheet
324Kb / 3P
SMA Female Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com