Electronic Components Datasheet Search
  English  ▼

X  

PE4545 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4545
Description  SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4545 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4545 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4545 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4545 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• SMA Female Connector
• MIL-STD-348A
• 50 Ohms
• Right Angle Body Geometry
• Thru Hole Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 12.4 GHz
• Excellent VSWR of 1.23:1
• Gold Plated Beryllium Copper Contact
• 50 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
• PCB Applications
.
Description
Pasternack’s PE4545 SMA female right angle bulkhead connector with solder attachment for thru hole PCB (.235 inch D
hole) is part of our full line of RF components available for same-day shipping. Our SMA female connector operates up to
a maximum frequency of 12.4 GHz and offers excellent VSWR of 1.23:1. Its right angle body geometry allows for easier
connections in tight spaces. This SMA bulkhead connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our SMA female right angle bulkhead connector PE4545 datasheet specifications and drawing with dimensions are shown
below in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure
and customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.23:1
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
0.8 in [20.32 mm]
Width/Dia.
0.25 in [6.35 mm]
Height
0.53 in [13.46 mm]
.
Weight
0.017 lbs [7.71 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Right Angle Bulkhead Mount Connector Solder Attachment Thru Hole PCB,
.235 inch D Hole PE4545
PE4545 REV 1.2
SMA Female Right Angle Bulkhead Mount Connector
Solder Attachment Thru Hole PCB, .235 inch D Hole
RF Connectors Technical Data Sheet
PE4545


Similar Part No. - PE4545

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4545 PASTERNACK-PE4545 Datasheet
199Kb / 3P
SMA Female Right Angle Bulkhead Connector Solder Attachment Thru Hole PCB, .235 inch D Hole
logo
Peregrine Semiconductor
PE45450 PSEMI-PE45450 Datasheet
805Kb / 12P
UltraCMOS짰 Power Limiter
logo
Pasternack Enterprises,...
PE45450 PASTERNACK-PE45450 Datasheet
537Kb / 6P
2.92mm Female Connector
PE45450 PASTERNACK-PE45450_V01 Datasheet
537Kb / 6P
2.92mm Female Connector
PE45451 PASTERNACK-PE45451 Datasheet
549Kb / 6P
2.92mm Female Connector
More results

Similar Description - PE4545

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4119 PASTERNACK-PE4119_17 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4120 PASTERNACK-PE4120_16 Datasheet
378Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4300 PASTERNACK-PE4300_16 Datasheet
318Kb / 3P
SMA Female Right Angle Bulkhead Mount Connector Solder Attachment
PE4419 PASTERNACK-PE4419_16 Datasheet
354Kb / 3P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4427 PASTERNACK-PE4427_17 Datasheet
471Kb / 5P
SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE4471 PASTERNACK-PE4471_16 Datasheet
345Kb / 3P
TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
PE4524 PASTERNACK-PE4524_16 Datasheet
351Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4529 PASTERNACK-PE4529_16 Datasheet
319Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
PE4536 PASTERNACK-PE4536_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com