Electronic Components Datasheet Search
  English  ▼

X  

PE4571 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4571
Description  7/16 DIN Male Connector Crimp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4571 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4571 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4571 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4571 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• 7/16 DIN Male Connector
• IEC 169-4
• 50 Ohms
• Straight Body Geometry
• RG214, RG9, RG225, RG393 Interface Type
• Crimp/Solder Attachment
• 32 mm Hex
Features
• Max. Operating Frequency 7.5 GHz
• Good VSWR of 1.3:1
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4571 7/16 DIN male connector with crimp/solder attachment for RG214, RG9, RG225 and RG393 is part
of our full line of RF components available for same-day shipping. Our 7/16 DIN male connector operates up to a maximum
frequency of 7.5 GHz and offers good VSWR of 1.3:1.
Our 7/16 DIN male connector PE4571 datasheet specifications and drawing with dimensions are shown below in this PDF.
Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and customize
their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom
cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
7.5
GHz
VSWR
1.3:1
Operating Voltage (AC)
2,700
Vrms
.
Mechanical Specifications
Size
Length
1.976 in [50.19 mm]
Width/Dia.
1.25 in [31.75 mm]
.
Weight
0.224 lbs [101.6 g]
.
Mating Torque
221 to 265 in-lbs [24.97 to 29.95 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Crimp/Solder Attachment for RG214, RG9, RG225, RG393 PE4571
PE4571 REV 1.2
7/16 DIN Male Connector Crimp/Solder Attachment
for RG214, RG9, RG225, RG393
RF Connectors Technical Data Sheet
PE4571


Similar Part No. - PE4571

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4571 PASTERNACK-PE4571 Datasheet
261Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
More results

Similar Description - PE4571

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44536 PASTERNACK-PE44536 Datasheet
259Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C195, 0.195 inch
PE44537 PASTERNACK-PE44537 Datasheet
265Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, 0.240 inch
PE44276 PASTERNACK-PE44276 Datasheet
229Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG14, RG217
PE44277 PASTERNACK-PE44277 Datasheet
217Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG218
PE4571 PASTERNACK-PE4571 Datasheet
261Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393
PE44291 PASTERNACK-PE44291 Datasheet
232Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE4567 PASTERNACK-PE4567 Datasheet
401Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment
PE4568 PASTERNACK-PE4568 Datasheet
353Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment
PE4575 PASTERNACK-PE4575_16 Datasheet
322Kb / 3P
7/16 DIN Female Connector Crimp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com